| Electronic Components Datasheet Search |
|
PIC16F648A-E/ML Datasheet(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F648A-E/ML Datasheet(HTML) 64 Page - Microchip Technology |
|
64 / 168 page ![]() PIC16F627A/628A/648A DS40044A-page 62 Preliminary 2002 Microchip Technology Inc. 10.1 Comparator Configuration There are eight modes of operation for the comparators. The CMCON register is used to select the mode. Figure 10-1 shows the eight possible modes. The TRISA register controls the data direction of the comparator pins for each mode. If the Compara- tor mode is changed, the comparator output level may not be valid for the specified mode change delay shown in Table 17-2. FIGURE 10-1: COMPARATOR I/O OPERATING MODES Note 1: Comparator interrupts should be disabled during a Comparator mode change, other- wise a false interrupt may occur. 2: Comparators can have an inverted out- put. See Figure 10-3. C1 RA0/AN0 V IN- V IN+ RA3/AN3/CMP1 Comparators Reset (POR Default Value) A A CM2:CM0 = 000 C2 RA1/AN1 V IN- V IN+ RA2/AN2/V REF A A C1 RA0/AN0 V IN- V IN+ RA3/AN3/CMP1 Two Independent Comparators A A CM2:CM0 = 100 C2 RA1/AN1 V IN- V IN+ RA2/AN2/V REF A A C1 RA0/AN0 V IN- V IN+ RA3/AN3/CMP1 Two Common Reference Comparators A D CM2:CM0 = 011 C2 RA1/AN1 V IN- V IN+ RA2/AN2/V REF A A C1 RA0/AN0 V IN- V IN+ RA3/AN3/CMP1 Off (Read as '0') One Independent Comparator D D CM2:CM0 = 101 C2 RA1/AN1 V IN- V IN+ RA2/AN2/V REF A A C1 V IN- V IN+ Off (Read as '0') Comparators Off D D CM2:CM0 = 111 C2 V IN- V IN+ Off (Read as '0') D D C1 RA0/AN0 V IN- V IN+ RA3/AN3/CMP1 Four Inputs Multiplexed to Two Comparators A A CM2:CM0 = 010 C2 RA1/AN1 V IN- V IN+ RA2/AN2/V REF A A From V REF CIS = 0 CIS = 1 CIS = 0 CIS = 1 C1 RA0/AN0 V IN- V IN+ RA3/AN3/CMP1 Two Common Reference Comparators with Outputs A D CM2:CM0 = 110 C2 RA1/AN1 V IN- V IN+ RA2/AN2/V REF A A Open Drain A = Analog Input, port reads zeros always. D = Digital Input. CIS (CMCON<3>) is the Comparator Input Switch. RA4/T0CKI/CMP2 C1 RA0/AN0 V IN- V IN+ RA3/AN3/CMP1 Three Inputs Multiplexed to Two Comparators A A CM2:CM0 = 001 C2 RA1/AN1 V IN- V IN+ RA2/AN2/V REF A A CIS = 0 CIS = 1 V SS V SS RA0/AN0 RA3/AN3/CMP1 RA1/AN1 RA2/AN2/V REF Module C1V OUT C2V OUT C1V OUT C2V OUT Off (Read as '0') Off (Read as '0') C2V OUT C1V OUT C2V OUT C1V OUT C2V OUT C1V OUT C2V OUT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |