Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3962ES-2.5/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3962ES-2.5/NOPB
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3962ES-2.5/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3962ES-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP3962ES-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP3962ES-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3962ES-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3962ES-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3962ES-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3962ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3962ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LP3962ES-2.5/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LP3962, LP3965
SNVS066H – MAY 2000 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
LP3962/LP3965 (continued)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 10 mA, COUT = 33µF, VSD = VIN-0.3V.
Symbol
Parameter
Conditions
Typ (1)
LP3962/5 (2)
Units
Min
Max
TdON
Turn-on delay
IL = 1.5 A
25
µs
ISD
SD Input Current
VSD = VIN
1
nA
ERROR FLAG COMPARATOR
VT
Threshold
See (7)
10
5
16
%
VTH
Threshold Hysteresis
See (7)
5
2
8
%
VEF(Sat)
Error Flag Saturation
Isink = 100µA
0.02
0.1
V
Td
Flag Reset Delay
1
µs
Ilk
Error Flag Pin Leakage Current
1
nA
Imax
Error Flag Pin Sink Current
VError = 0.5V (over temp.)
1
mA
AC PARAMETERS
VIN = VOUT + 1.5V
60
COUT = 100uF
VOUT = 3.3V
PSRR
Ripple Rejection
dB
VIN = VOUT + 0.3V
40
COUT = 100uF
VOUT = 3.3V
ρn(l/f
Output Noise Density
f = 120Hz
0.8
µV
BW = 10Hz – 100kHz
150
en
Output Noise Voltage (rms)
µV (rms)
BW = 300Hz – 300kHz
100
(7)
Error Flag threshold and hysteresis are specified as percentage of regulated output voltage.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP3962 LP3965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com