Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-16/CL Datasheet(PDF) 191 Page - Microchip Technology

Part # PIC17C752-16/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-16/CL Datasheet(HTML) 191 Page - Microchip Technology

Back Button PIC17C752-16/CL Datasheet HTML 187Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 188Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 189Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 190Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 191Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 192Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 193Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 194Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 191
PIC17C7XX
17.3
Watchdog Timer (WDT)
The Watchdog Timer’s function is to recover from
software malfunction. The WDT uses an internal free
running on-chip RC oscillator for its clock source. This
does not require any external components. This RC
oscillator is separate from the RC oscillator of the
OSC1/CLKIN pin. That means that the WDT will run,
even
if
the
clock
on
the
OSC1/CLKIN
and
OSC2/CLKOUT pins have been stopped, for example,
by execution of a SLEEP instruction. During normal
operation, a WDT time-out generates a device RESET.
The
WDT
can
be
permanently
disabled
by
programming the configuration bits WDTPS1:WDTPS0
as '00' (Section 17.1).
Under normal operation, the WDT must be cleared on
a regular interval. This time must be less than the min-
imum WDT overflow time. Not clearing the WDT in this
time frame will cause the WDT to overflow and reset the
device.
17.3.1
WDT PERIOD
The WDT has a nominal time-out period of 12 ms, (with
postscaler = 1). The time-out periods vary with temper-
ature, VDD and process variations from part to part (see
DC specs). If longer time-out periods are desired, con-
figuration bits should be used to enable the WDT with
a greater prescale. Thus, typical time-out periods up to
3.0 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and its postscale setting and prevent it from timing out
thus generating a device RESET condition.
The TO bit in the CPUSTA register will be cleared upon
a WDT time-out.
17.3.2
CLEARING THE WDT AND POSTSCALER
The WDT and postscaler are cleared when:
• The device is in the reset state
•A SLEEP instruction is executed
•A CLRWDT instruction is executed
• Wake-up from SLEEP by an interrupt
The WDT counter/postscaler will start counting on the
first edge after the device exits the reset state.
17.3.3
WDT PROGRAMMING CONSIDERATIONS
It should also be taken in account that under worst case
conditions (VDD = Min., Temperature = Max., max.
WDT postscaler) it may take several seconds before a
WDT time-out occurs.
The WDT and postscaler become the Power-up Timer
whenever the PWRT is invoked.
17.3.4
WDT AS NORMAL TIMER
When the WDT is selected as a normal timer, the clock
source is the device clock. Neither the WDT nor the
postscaler are directly readable or writable. The over-
flow time is 65536 TOSC cycles. On overflow, the TO bit
is cleared (device is not reset). The CLRWDT instruction
can be used to set the TO bit. This allows the WDT to
be a simple overflow timer. The simple timer does not
increment when in sleep.
FIGURE 17-2: WATCHDOG TIMER BLOCK DIAGRAM
TABLE 17-2:
REGISTERS/BITS ASSOCIATED WITH THE WATCHDOG TIMER
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR, WDT
—
Config
See Figure 17-1 for location of WDTPSx bits in Configuration Word.
(Note 1)
(Note 1)
06h, Unbanked
CPUSTA
—
—
STKAV
GLINTD
TO
PD
POR
BOR
--11 11qq
--11 qquu
Legend:
-
= unimplemented read as '0', q - value depends on condition, shaded cells are not used by the WDT.
Note 1:
This value will be as the device was programmed, or if unprogrammed, will read as all '1's.
WDT
WDT Enable
Postscaler
4 - to - 1 MUX
WDTPS1:WDTPS0
On-chip RC
WDT Overflow
Oscillator(1)
Note 1: This oscillator is separate from the external
RC oscillator on the OSC1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com