Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-16/CL Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC17C752-16/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-16/CL Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC17C752-16/CL Datasheet HTML 190Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 191Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 192Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 193Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 194Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 195Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 196Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 197Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 328 page
background image
PIC17C7XX
DS30289A-page 194
© 1998 Microchip Technology Inc.
17.6
In-Circuit Serial Programming
The PIC17C7XX group of the high end family
(PIC17CXXX) has an added feature that allows serial
programming while in the end application circuit. This is
simply done with two lines for clock and data, and three
other lines for power, ground, and the programming
voltage. This allows customers to manufacture boards
with unprogrammed devices, and then program the
microcontroller just before shipping the product. This
also allows the most recent firmware or a custom firm-
ware to be programmed.
Devices may be serialized to make the product unique,
“special” variants of the product may be offered, and
code updates are possible. This allows for increased
design flexibility.
To place the device into the serial programming test
mode, two pins will need to be placed at VIHH. These
are the TEST pin and the MCLR/VPP pin. Also a
sequence of events must occur as follows:
1.
The TEST pin is placed at VIHH.
2.
The MCLR/VPP pin is placed at VIHH.
There is a setup time between step 1 and step 2 that
must be met.
After this sequence the Program Counter is pointing to
program memory address 0xFF60. This location is in
the Boot ROM. The code initializes the USART/SCI so
that it can receive commands. For this, the device must
be clocked. The device clock source in this mode is the
RA1/T0CKI pin. After delaying to allow the USART/SCI
to initialize, commands can be received. The flow is
shown in these 3 steps:
1.
The device clock source starts.
2.
Wait 80 device clocks for Boot ROM code to con-
figure the USART/SCI.
3.
Commands may now be sent.
For complete details of serial programming, please
refer to the PIC17C7XX Programming Specification.
(Contact your local Microchip Technology Sales Office
for availability.)
FIGURE 17-4: TYPICAL IN-CIRCUIT SERIAL
PROGRAMMING
CONNECTION
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC17C7XX
VDD
VSS
MCLR/VPP
RA1/T0CKI
RA4/RX1/DT1
+5V
0V
VPP
Dev. CLK
Data I/O
VDD
RA5/TX1/CK1
Data CLK
TEST
TEST CNTL
TABLE 17-3:
ICSP INTERFACE PINS
During Programming
Name
Function
Type
Description
RA4/RX1/DT1
DT
I/O
Serial Data
RA5/TX1/CK1
CK
I
Serial Clock
RA1/T0CKI
OSCI
I
Device Clock Source
TEST
TEST
I
Test mode selection control input. Force to VIHH,
MCLR/VPP
MCLR/VPP
P
Master Clear reset and Device Programming Voltage
VDD
VDD
P
Positive supply for logic and I/O pins
VSS
VSS
P
Ground reference for logic and I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com