Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C72-10/SP Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16C72-10/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10/SP Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16C72-10/SP Datasheet HTML 76Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 77Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 78Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 79Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 80Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 81Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 82Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 83Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
PIC16C72 Series
DS39016A-page 80
Preliminary
© 1998 Microchip Technology Inc.
13.2
DC Characteristics:
PIC16LC72/LCR72-04 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Param
No.
Characteristic
Sym
PIC16C72
PIC16CR72
Units
Conditions
Min
Typ†
Max
Min
Typ†
Max
D001
Supply Voltage
VDD
2.5
-
6.0
2.5
-
5.5
V
LP, XT, RC (DC - 4 MHz)
D002*
RAM Data Retention
Voltage (Note 1)
VDR
-
1.5
-
-
1.5
-
V
D003
VDD start voltage to
ensure internal Power-
on Reset signal
VPOR
-
VSS
-
-
VSS
-
V
See section on Power-
on Reset for details
D004*
VDD rise rate to ensure
internal Power-on
Reset signal
SVDD
0.05
-
-
0.05
-
-
V/ms
See section on Power-
on Reset for details
D005
Brown-out Reset Volt-
age
Bvdd
3.7
4.0
4.3
3.7
4.0
4.3
V
BODEN bit in configura-
tion word enabled
D010
Supply Current
(Note 2,5)
IDD
-
2.0
3.8
-
2.0
3.8
mA
XT, RC osc configuration
FOSC = 4 MHz, VDD =
3.0V (Note 4)
D010A
-
22.5
48
-
22.5
48
µA
LP osc configuration
FOSC = 32 kHz, VDD =
3.0V, WDT disabled
D015*
Brown-out Reset
Current (Note 6)
∆Ibor
-
350
425
-
350
425
µA
BOR enabled VDD =
5.0V
D020
Power-down Current
(Note 3,5)
IPD
-
7.5
30
-
7.5
30
µA
VDD = 3.0V, WDT
enabled, -40
°C to +85°C
D021
-
0.9
5
-
0.9
5
µA
VDD = 3.0V, WDT dis-
abled, 0
°C to +70°C
D021A
-
0.9
5
-
0.9
5
µA
VDD = 3.0V, WDT dis-
abled, -40
°C to +85°C
D023*
Brown-out Reset
Current (Note 6)
∆Ibor
-
350
425
-
350
425
µA
BOR enabled VDD =
5.0V
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
This is the limit to which VDD can be lowered without losing RAM data.
Note 2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current con-
sumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
Note 3:
The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is measured with
the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
Note 4:
For RC osc configuration, current through Rext is not included. The current through the resistor can be estimated by the
formula Ir = VDD/2Rext (mA) with Rext in kOhm.
Note 5:
Timer1 oscillator (when enabled) adds approximately 20
µA to the specification. This value is from characterization and
is for design guidance only. This is not tested.
Note 6:
The
∆ current is the additional current consumed when this peripheral is enabled. This current should be added to the
base IDD or IPD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com