Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877-20/P Datasheet(PDF) 197 Page - Microchip Technology

Part # PIC16F877-20/P
Description  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877-20/P Datasheet(HTML) 197 Page - Microchip Technology

Back Button PIC16F877-20/P Datasheet HTML 193Page - Microchip Technology PIC16F877-20/P Datasheet HTML 194Page - Microchip Technology PIC16F877-20/P Datasheet HTML 195Page - Microchip Technology PIC16F877-20/P Datasheet HTML 196Page - Microchip Technology PIC16F877-20/P Datasheet HTML 197Page - Microchip Technology PIC16F877-20/P Datasheet HTML 198Page - Microchip Technology PIC16F877-20/P Datasheet HTML 199Page - Microchip Technology PIC16F877-20/P Datasheet HTML 200Page - Microchip Technology PIC16F877-20/P Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 218 page
background image
 2001 Microchip Technology Inc.
DS30292C-page 195
PIC16F87X
44-Lead Plastic Metric Quad Flatpack (PQ) 10x10x2 mm Body, 1.6/0.15 mm Lead Form (MQFP)
* Controlling Parameter
Notes:
Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-022
Drawing No. C04-071
B
D1
E
CH
15
10
5
15
10
5
β
Mold Draft Angle Bottom
15
10
5
15
10
5
α
Mold Draft Angle Top
0.45
0.38
0.30
.018
.015
.012
Lead Width
0.23
0.18
0.13
.009
.007
.005
c
Lead Thickness
11
11
n1
Pins per Side
10.10
10.00
9.90
.398
.394
.390
Molded Package Length
10.10
10.00
9.90
.398
.394
.390
E1
Molded Package Width
13.45
13.20
12.95
.530
.520
.510
D
Overall Length
13.45
13.20
12.95
.530
.520
.510
Overall Width
7
3.5
0
7
3.5
0
φ
Foot Angle
1.03
0.88
0.73
.041
.035
.029
L
Foot Length
0.25
0.15
0.05
.010
.006
.002
A1
Standoff
§
2.10
2.03
1.95
.083
.080
.077
A2
Molded Package Thickness
2.35
.093
A
Overall Height
0.80
.031
p
Pitch
44
44
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
2
1
n
D1
D
B
p
E
E1
#leads=n1
c
β
φ
α
A2
A
CH x 45
°
L
Pin 1 Corner Chamfer
Footprint (Reference)
(F)
.063
1.60
.025
.035
.045
0.64
0.89
1.14
(F)
A1
.079
.086
2.00
2.18
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com