Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877-20/P Datasheet(PDF) 200 Page - Microchip Technology

Part # PIC16F877-20/P
Description  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877-20/P Datasheet(HTML) 200 Page - Microchip Technology

Back Button PIC16F877-20/P Datasheet HTML 196Page - Microchip Technology PIC16F877-20/P Datasheet HTML 197Page - Microchip Technology PIC16F877-20/P Datasheet HTML 198Page - Microchip Technology PIC16F877-20/P Datasheet HTML 199Page - Microchip Technology PIC16F877-20/P Datasheet HTML 200Page - Microchip Technology PIC16F877-20/P Datasheet HTML 201Page - Microchip Technology PIC16F877-20/P Datasheet HTML 202Page - Microchip Technology PIC16F877-20/P Datasheet HTML 203Page - Microchip Technology PIC16F877-20/P Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 218 page
background image
PIC16F87X
DS30292C-page 198
 2001 Microchip Technology Inc.
APPENDIX C:
CONVERSION
CONSIDERATIONS
Considerations for converting from previous versions
of devices to the ones listed in this data sheet are listed
in Table C-1.
TABLE C-1:
CONVERSION
CONSIDERATIONS
Characteristic
PIC16C7X
PIC16F87X
Pins
28/40
28/40
Timers
3
3
Interrupts
11 or 12
13 or 14
Communication
PSP, USART,
SSP (SPI, I2C
Slave)
PSP, USART,
SSP (SPI, I2C
Master/Slave)
Frequency
20 MHz
20 MHz
Voltage
2.5V - 5.5V
2.0V - 5.5V
A/D
8-bit
10-bit
CCP
2
2
Program
Memory
4K, 8K
EPROM
4K, 8K
FLASH
RAM
192, 368
bytes
192, 368
bytes
EEPROM data
None
128, 256
bytes
Other
In-Circuit
Debugger,
Low Voltage
Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com