Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-16I/CL Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC17C752-16I/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-16I/CL Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC17C752-16I/CL Datasheet HTML 88Page - Microchip Technology PIC17C752-16I/CL Datasheet HTML 89Page - Microchip Technology PIC17C752-16I/CL Datasheet HTML 90Page - Microchip Technology PIC17C752-16I/CL Datasheet HTML 91Page - Microchip Technology PIC17C752-16I/CL Datasheet HTML 92Page - Microchip Technology PIC17C752-16I/CL Datasheet HTML 93Page - Microchip Technology PIC17C752-16I/CL Datasheet HTML 94Page - Microchip Technology PIC17C752-16I/CL Datasheet HTML 95Page - Microchip Technology PIC17C752-16I/CL Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 328 page
background image
PIC17C7XX
DS30289A-page 92
© 1998 Microchip Technology Inc.
10.10.2 SUCCESSIVE OPERATIONS ON I/O PORTS
The actual write to an I/O port happens at the end of an
instruction cycle, whereas for reading, the data must be
valid at the beginning of the instruction cycle
(Figure 10-20). Therefore, care must be exercised if a
write followed by a read operation is carried out on the
same I/O port. The sequence of instructions should be
such to allow the pin voltage to stabilize (load depen-
dent) before executing the instruction that reads the
values on that I/O port. Otherwise, the previous state
of that pin may be read into the CPU rather than the
“new” state. When in doubt, it is better to separate
these instructions with a NOP or another instruction not
accessing this I/O port.
Figure 10-21 shows the I/O model which causes this
situation. As the effective capacitance (C) becomes
larger, the rise/fall time of the I/O pin increases. As the
device frequency increases or the effective capaci-
tance increases, the possibility of this subsequent
PORTx read-modify-write instruction issue increases.
This effective capacitance includes the effects of the
board traces.
The best way to address this is to add an series resistor
at the I/O pin. This resistor allows the I/O pin to get to
the desired level before the next instruction.
The use of NOP instructions between the subsequent
PORTx read-modify-write instructions, is a lower cost
solution, but has the issue that the number of NOP
instructions is dependent on the effective capacitance
C and the frequency of the device.
FIGURE 10-20: SUCCESSIVE I/O OPERATION
FIGURE 10-21: I/O CONNECTION ISSUES
PC
PC + 1
PC + 2
PC + 3
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Instruction
fetched
RB7:RB0
MOVWF PORTB
write to
PORTB
NOP
Port pin
sampled here
NOP
MOVF PORTB,W
Instruction
executed
MOVWF PORTB
write to
PORTB
NOP
MOVF PORTB,W
Note:
This example shows a write to PORTB
followed by a read from PORTB.
Note that:
data setup time = (0.25TCY - TPD)
where TCY = instruction cycle
TPD = propagation delay
Therefore, at higher clock frequencies,
a write followed by a read may be prob-
lematic.
PIC17CXXX
I/O
C(1)
Q4
Q1
Q2
Q3
Q4
Q1
VIL
BSF PORTx, PINy
Q2
Q3
BSF PORTx, PINz
PORTx, PINy
Read PORTx, PINy as low
BSF PORTx, PINz clears the value
to be driven on the PORTx, PINy pin.
Note 1: This is not a capacitor to ground, but the effective
capacitive loading on the trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com