Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54-04/P Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16C54-04/P
Description  ROM-Based 8-Bit CMOS Microcontroller Series
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-04/P Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16C54-04/P Datasheet HTML 45Page - Microchip Technology PIC16C54-04/P Datasheet HTML 46Page - Microchip Technology PIC16C54-04/P Datasheet HTML 47Page - Microchip Technology PIC16C54-04/P Datasheet HTML 48Page - Microchip Technology PIC16C54-04/P Datasheet HTML 49Page - Microchip Technology PIC16C54-04/P Datasheet HTML 50Page - Microchip Technology PIC16C54-04/P Datasheet HTML 51Page - Microchip Technology PIC16C54-04/P Datasheet HTML 52Page - Microchip Technology PIC16C54-04/P Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40191A-page 49
PIC16CR54C
9.0
DEVELOPMENT SUPPORT
9.1
Development Tools
The PICmicr
ο™ microcontrollers are supported with a
full range of hardware and software development
tools:
• PICMASTER®/PICMASTER CE Real-Time
In-Circuit Emulator
• ICEPIC
™ Low-Cost PIC16C5X and PIC16CXXX
In-Circuit Emulator
• PRO MATE® II Universal Programmer
• PICSTART® Plus Entry-Level Prototype
Programmer
• PICDEM-1 Low-Cost Demonstration Board
• PICDEM-2 Low-Cost Demonstration Board
• PICDEM-3 Low-Cost Demonstration Board
• MPASM Assembler
• MPLAB
™ SIM Software Simulator
• MPLAB-C17 (C Compiler)
• Fuzzy Logic Development System
(
fuzzyTECH®
−MP)
9.2
PICMASTER: High Performance
Universal In-Circuit Emulator with
MPLAB IDE
The PICMASTER Universal In-Circuit Emulator is
intended to provide the product development engineer
with a complete microcontroller design tool set for all
microcontrollers in the PIC14C000, PIC12CXXX,
PIC16C5X, PIC16CXXX and PIC17CXX families.
PICMASTER is supplied with the MPLAB
™ Integrated
Development Environment (IDE), which allows editing,
“make” and download, and source debugging from a
single environment.
Interchangeable target probes allow the system to be
easily
reconfigured
for
emulation
of
different
processors.
The
universal
architecture
of
the
PICMASTER allows expansion to support all new
Microchip microcontrollers.
The
PICMASTER
Emulator
System
has
been
designed as a real-time emulation system with
advanced features that are generally found on more
expensive development tools. The PC compatible 386
(and higher) machine platform and Microsoft Windows®
3.x environment were chosen to best make these
features available to you, the end user.
A CE compliant version of PICMASTER is available for
European Union (EU) countries.
9.3
ICEPIC: Low-Cost PICmicro™
In-Circuit Emulator
ICEPIC is a low-cost in-circuit emulator solution for the
Microchip PIC12CXXX, PIC16C5X and PIC16CXXX
families of 8-bit OTP microcontrollers.
ICEPIC is designed to operate on PC-compatible
machines ranging from 286-AT® through Pentium
™
based machines under Windows 3.x environment.
ICEPIC features real time, non-intrusive emulation.
9.4
PRO MATE II: Universal Programmer
The PRO MATE II Universal Programmer is a
full-featured programmer capable of operating in
stand-alone mode as well as PC-hosted mode. PRO
MATE II is CE compliant.
The PRO MATE II has programmable VDD and VPP
supplies which allows it to verify programmed memory
at VDD min and VDD max for maximum reliability. It has
an LCD display for displaying error messages, keys to
enter commands and a modular detachable socket
assembly to support various package types. In stand-
alone mode the PRO MATE II can read, verify or
program
PIC12CXXX,
PIC14C000,
PIC16C5X,
PIC16CXXX and PIC17CXX devices. It can also set
configuration and code-protect bits in this mode.
9.5
PICSTART Plus Entry Level
Development System
The
PICSTART
programmer
is
an
easy-to-use,
low-cost prototype programmer. It connects to the PC
via one of the COM (RS-232) ports. MPLAB Integrated
Development Environment software makes using the
programmer simple and efficient. PICSTART Plus is
not recommended for production programming.
PICSTART
Plus
supports
all
PIC12CXXX,
PIC14C000, PIC16C5X, PIC16CXXX and PIC17CXX
devices with up to 40 pins. Larger pin count devices
such as the PIC16C923, PIC16C924 and PIC17C756
may be supported with an adapter socket. PICSTART
Plus is CE compliant.
9.6
PICDEM-1 Low-Cost PICmicro
Demonstration Board
The PICDEM-1 is a simple board which demonstrates
the
capabilities
of
several
of
Microchip’s
microcontrollers. The microcontrollers supported are:
PIC16C5X (PIC16C54 to PIC16C58A), PIC16C61,
PIC16C62X,
PIC16C71,
PIC16C8X,
PIC17C42,
PIC17C43 and PIC17C44. All necessary hardware
and software is included to run basic demo programs.
The users can program the sample microcontrollers
provided
with
the
PICDEM-1
board,
on
a
PRO MATE II or PICSTART-Plus programmer, and
easily test firmware. The user can also connect the
PICDEM-1 board to the PICMASTER emulator and
download the firmware to the emulator for testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com