Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C72-10E/SP Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16C72-10E/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10E/SP Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16C72-10E/SP Datasheet HTML 89Page - Microchip Technology PIC16C72-10E/SP Datasheet HTML 90Page - Microchip Technology PIC16C72-10E/SP Datasheet HTML 91Page - Microchip Technology PIC16C72-10E/SP Datasheet HTML 92Page - Microchip Technology PIC16C72-10E/SP Datasheet HTML 93Page - Microchip Technology PIC16C72-10E/SP Datasheet HTML 94Page - Microchip Technology PIC16C72-10E/SP Datasheet HTML 95Page - Microchip Technology PIC16C72-10E/SP Datasheet HTML 96Page - Microchip Technology PIC16C72-10E/SP Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 124 page
background image
PIC16C72 Series
© 1998 Microchip Technology Inc.
Preliminary
DS39016A-page 93
FIGURE 13-13: I2C BUS DATA TIMING
TABLE 13-11
I2C BUS DATA REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock high time
100 kHz mode
4.0
—
µs
Device must operate at a mini-
mum of 1.5 MHz
400 kHz mode
0.6
—
µs
Device must operate at a mini-
mum of 10 MHz
SSP Module
1.5TCY
—
101
TLOW
Clock low time
100 kHz mode
4.7
—
µs
Device must operate at a mini-
mum of 1.5 MHz
400 kHz mode
1.3
—
µs
Device must operate at a mini-
mum of 10 MHz
SSP Module
1.5TCY
—
102
TR
SDA and SCL rise
time
100 kHz mode
—
1000
ns
400 kHz mode
20 + 0.1Cb
300
ns
Cb is specified to be from
10 to 400 pF
103
TF
SDA and SCL fall time 100 kHz mode
—
300
ns
400 kHz mode
20 + 0.1Cb
300
ns
Cb is specified to be from
10 to 400 pF
90
TSU:STA
START condition
setup time
100 kHz mode
4.7
—
µs
Only relevant for repeated
START condition
400 kHz mode
0.6
—
µs
91
THD:STA
START condition hold
time
100 kHz mode
4.0
—
µs
After this period the first clock
pulse is generated
400 kHz mode
0.6
—
µs
106
THD:DAT
Data input hold time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9
µs
107
TSU:DAT
Data input setup time
100 kHz mode
250
—
ns
Note 2
400 kHz mode
100
—
ns
92
TSU:STO
STOP condition setup
time
100 kHz mode
4.7
—
µs
400 kHz mode
0.6
—
µs
109
TAA
Output valid from
clock
100 kHz mode
—
3500
ns
Note 1
400 kHz mode
—
—
ns
110
TBUF
Bus free time
100 kHz mode
4.7
—
µs
Time the bus must be free
before a new transmission can
start
400 kHz mode
1.3
—
µs
Cb
Bus capacitive loading
—
400
pF
Note 1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region (min. 300 ns) of
the falling edge of SCL to avoid unintended generation of START or STOP conditions.
Note 2:
A fast-mode (400 kHz) I2C-bus device can be used in a standard-mode (100 kHz)S I2C-bus system, but the requirement
tsu;DAT
≥ 250 ns must then be met. This will automatically be the case if the device does not stretch the LOW period of the
SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line
TR max.+tsu;DAT = 1000 + 250 = 1250 ns (according to the standard-mode I2C bus specification) before the SCL line is
released.
Note: Refer to Figure 13-1 for load conditions
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com