Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54T-HS/SS Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16C54T-HS/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-HS/SS Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16C54T-HS/SS Datasheet HTML 32Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 33Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 34Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 35Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 36Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 37Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 38Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 39Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 217 page
background image
PIC16C5X
DS30453B-page 36
Preliminary
© 1998 Microchip Technology Inc.
TABLE 7-3:
RESET CONDITIONS FOR SPECIAL REGISTERS
TABLE 7-4:
RESET CONDITIONS FOR ALL REGISTERS
FIGURE 7-8:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
Condition
PCL
Addr: 02h
STATUS
Addr: 03h
Power-On Reset
1111 1111
0001 1xxx
MCLR reset (normal operation)
1111 1111
000u uuuu(1)
MCLR wake-up (from SLEEP)
1111 1111
0001 0uuu
WDT reset (normal operation)
1111 1111
0000 uuuu(2)
WDT wake-up (from SLEEP)
1111 1111
0000 0uuu
Legend: u = unchanged, x = unknown, - = unimplemented read as '0'.
Note 1: TO and PD bits retain their last value until one of the other reset conditions occur.
2: The CLRWDT instruction will set the TO and PD bits.
Register
Address
Power-On Reset
MCLR or WDT Reset
W
N/A
xxxx xxxx
uuuu uuuu
TRIS
N/A
1111 1111
1111 1111
OPTION
N/A
--11 1111
--11 1111
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PCL(1)
02h
1111 1111
1111 1111
STATUS(1)
03h
0001 1xxx
000q quuu
FSR
04h
1xxx xxxx
1uuu uuuu
PORTA
05h
---- xxxx
---- uuuu
PORTB
06h
xxxx xxxx
uuuu uuuu
PORTC(2)
07h
xxxx xxxx
uuuu uuuu
General Purpose Register Files
07-7Fh
xxxx xxxx
uuuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented, read as '0',
q
= see tables in Section 7.7 for possible values.
Note 1: See Table 7-3 for reset value for specific conditions.
2: General purpose register file on PIC16C52/C54s/CR54s/C56s/CR56s/C58s/CR58s
8-bit Asynch
Ripple Counter
(Start-Up Timer)
SQ
R
Q
VDD
MCLR/VPP pin
Power-Up
Detect
On-Chip
RC OSC
POR (Power-On Reset)
WDT Time-out
RESET
CHIP RESET
WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com