Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP38869MHE/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38869MHE/NOPB
Description  1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38869MHE/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38869MHE/NOPB Datasheet HTML 6Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 7Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 8Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 9Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 10Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 11Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 12Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 13Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SHUTDOWN
LOGIC
MOSFET DRIVER
WITH FOLDBACK
CURRENT LIMIT
THERMAL
SENSOR
+
-
+
-
+
-
3 ms DELAY
TIMER &
INVERTER
VSS
VSET(TH)
87 mV
ISS
6.7 µA
SS
GND
IN
OUT
SET
SHDN
RST
VREF
800 mV
LP38869
ERROR
AMPLIFIER
MODE
COMPARATOR
RST
COMPARATOR
SENSE
TSD
VRST(TH)
736 mV
ADJUSTABLE MODE
PRE-SET MODE
LP38869
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
www.ti.com
BLOCK DIAGRAM
Figure 31. Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com