Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC62B-04/SP Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16LC62B-04/SP
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-04/SP Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16LC62B-04/SP Datasheet HTML 16Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 17Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 18Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 19Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 20Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 21Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 22Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 23Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 120 page
background image
PIC16C62B/72A
DS35008B-page 20
Preliminary
© 1999 Microchip Technology Inc.
TABLE 3-1
PORTA FUNCTIONS
TABLE 3-2
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit#
Buffer
Function
RA0/AN0
bit0
TTL
Input/output or analog input(1)
RA1/AN1
bit1
TTL
Input/output or analog input(1)
RA2/AN2
bit2
TTL
Input/output or analog input(1)
RA3/AN3/VREF
bit3
TTL
Input/output or analog input(1) or VREF(1)
RA4/T0CKI
bit4
ST
Input/output or external clock input for Timer0
Output is open drain type
RA5/SS/AN4
bit5
TTL
Input/output or slave select input for synchronous serial port or analog input(1)
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1:
The PIC16C62B does not implement the A/D module.
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on all
other resets
05h
PORTA
(for PIC16C72A only)
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--0x 0000
--0u 0000
05h
PORTA
(for PIC16C62B only)
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
85h
TRISA
—
—
PORTA Data Direction Register
--11 1111
--11 1111
9Fh
ADCON1(1)
—
—
—
—
—PCFG2
PCFG1
PCFG0
---- -000
---- -000
Legend: x = unknown, u = unchanged, - = unimplemented locations read as ’0’. Shaded cells are not used by PORTA.
Note 1:
The PIC16C62B does not implement the A/D module. Maintain this register clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com