Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC3404 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC3404
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3404 Datasheet(HTML) 2 Page - Microchip Technology

  TC3404 Datasheet HTML 1Page - Microchip Technology TC3404 Datasheet HTML 2Page - Microchip Technology TC3404 Datasheet HTML 3Page - Microchip Technology TC3404 Datasheet HTML 4Page - Microchip Technology TC3404 Datasheet HTML 5Page - Microchip Technology TC3404 Datasheet HTML 6Page - Microchip Technology TC3404 Datasheet HTML 7Page - Microchip Technology TC3404 Datasheet HTML 8Page - Microchip Technology TC3404 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC3404
DS21413B-page 2
© 2002 Microchip Technology Inc.
Typical Application
Functional Block Diagram
TC3404
µ
Controller
SDAT
SCLK
A0
PFO
PFI
REFOUT
REFIN
IN3-
IN4+
IN4-
IN3+
IN2+
IN1+
I/01
I/02
I/03
I/05
I/06
A1
I/04
V
BATT
V
BATT
C1
0.1
µF
R3
390
±10%
C2
10
µF
R4
1M
Ω
±10%
V
DD
V
BATT
R7
100k
V
CC
Input 1
Input 2
Input 3
Input 4
A0
TC3404
IN2
IN3+
SDAT
REFIN
REFOUT
SCLK
Clock
Generator and
Control Circuitry
Data
Shift
Reg.
Σ – D
Modulator
1 of 4
AMux
+
–
+
–
x2
DQ
SET
CLR
1.193V
VDD
Start
Conv.
DQ
SET
CLR
A1
IN1
+
–
IN4+
+
–
PFO
PFI
+
–
1.205V
IN3-
IN4-
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com