Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C55-04/P Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16C55-04/P
Description  ROM-Based 8-Bit CMOS Microcontroller Series
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C55-04/P Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16C55-04/P Datasheet HTML 60Page - Microchip Technology PIC16C55-04/P Datasheet HTML 61Page - Microchip Technology PIC16C55-04/P Datasheet HTML 62Page - Microchip Technology PIC16C55-04/P Datasheet HTML 63Page - Microchip Technology PIC16C55-04/P Datasheet HTML 64Page - Microchip Technology PIC16C55-04/P Datasheet HTML 65Page - Microchip Technology PIC16C55-04/P Datasheet HTML 66Page - Microchip Technology PIC16C55-04/P Datasheet HTML 67Page - Microchip Technology PIC16C55-04/P Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
PIC16CR54C
PIC16CR54C
DS40191A-page 64
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 11-2: TYPICAL RC OSCILLATOR FREQUENCY vs. VDD, CEXT = 20 PF
FIGURE 11-3: TYPICAL RC OSCILLATOR FREQUENCY vs. VDD, CEXT = 100 PF
0.00
1.00
2.00
3.00
4.00
5.00
6.00
2.5
3
3.5
4
4.5
5
5.5
6
VDD(Volts)
R=3.3K
R=5.0K
R=10K
R=100K
Cext=20pF, T=25C
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.5
3
3.5
4
4.5
5
5.5
6
VDD(Volts)
R=3.3K
R=5.0K
R=10K
R=100K
Cext=100pF, T=25C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com