Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87C51MB2_MC2 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P87C51MB2_MC2
Description  80C51 8-bit microcontroller family with extended memory 64 kB/96 kB OTP with 2 kB/3 kB RAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2_MC2 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P87C51MB2_MC2 Datasheet HTML 17Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 18Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 19Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 20Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 21Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 22Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 23Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 24Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Philips Semiconductors
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family
Product data
Rev. 03 — 13 November 2003
21 of 36
9397 750 12302
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
tSPILEAD 10,
11
Enable lead time
(Slave)
ns
2.0 MHz
250
-
250
-
250
-
250
-
3.0 MHz
240
-
240
-
240
-
240
-
tSPILAG
10,
11
Enable lag time
(Slave)
ns
2.0 MHz
250
-
250
-
250
-
250
-
3.0 MHz
240
-
240
-
240
-
240
-
tSPICLKH 8, 9,
10,
11
SPICLK HIGH
time
ns
Master
340
-
340
-
340
-
340
-
Slave
190
-
190
-
190
-
190
-
tSPICLKL 8, 9,
10,
11
SPICLK LOW
time
ns
Master
340
-
340
-
340
-
340
-
Slave
190
-
190
-
190
-
190
-
tSPIDSU
8, 9,
10,
11
Data setup time
(Master or Slave)
100
-
100
-
100
-
100
-
ns
tSPIDH
8, 9,
10,
11
Data hold time
(Master or Slave)
100
-
100
-
100
-
100
-
ns
tSPIA
10,
11
Access time
(Slave)
0
120
0
120
0
120
0
120
ns
tSPIDIS
10,
11
Disable time
(Slave)
ns
2.0 MHz
0
240
-
240
0
240
-
240
3.0 MHz
0
167
-
167
0
167
-
167
tSPIDV
8, 9,
10,
11
Enable to output
data valid
ns
2.0 MHz
-
240
-
240
-
240
-
240
3.0 MHz
-
167
-
167
-
167
-
167
tSPIOH
8, 9,
10,
11
Output data hold
time
0-
0
-
0
-
0
-
ns
Table 8:
Dynamic characteristics…continued
Tamb = 0 to +70 °C for commercial unless otherwise specified. Formulae including tCLCL assume oscillator signal with 50/50
duty cycle.[1][2][3]
Symbol Fig
Parameter
2.7 V < VDD < 5.5 V
4.5 V < VDD < 5.5 V
Unit
Variable clock[4]
fOSC =
12 MHz[4]
Variable clock[4]
fOSC =
24 MHz[4]
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com