Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC4426A Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4426A
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426A Datasheet(HTML) 4 Page - Microchip Technology

  TC4426A Datasheet HTML 1Page - Microchip Technology TC4426A Datasheet HTML 2Page - Microchip Technology TC4426A Datasheet HTML 3Page - Microchip Technology TC4426A Datasheet HTML 4Page - Microchip Technology TC4426A Datasheet HTML 5Page - Microchip Technology TC4426A Datasheet HTML 6Page - Microchip Technology TC4426A Datasheet HTML 7Page - Microchip Technology TC4426A Datasheet HTML 8Page - Microchip Technology TC4426A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC4426A/TC4427A/TC4428A
DS21423B-page 4
 2002 Microchip Technology Inc.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Switching Time (Note 1)
tR
Rise Time
—
—
—
25
27
29
35
40
40
nsec
TA = +25°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C, Figure 3-1
tF
Fall Time
—
—
—
25
27
29
35
40
40
nsec
TA = +25°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C, Figure 3-1
tD1
Delay Time
—
—
—
30
33
35
35
40
45
nsec
TA = +25°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C, Figure 3-1
tD2
Delay Time
—
—
—
30
33
35
35
40
45
nsec
TA = +25°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C, Figure 3-1
Power Supply
IS
Power Supply Current
—
—
1.0
0.1
2.0
0.2
mA
VIN = 3V (Both inputs)
VIN = 0V (Both inputs), VDD = 18V
Note
1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com