Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C55-20/SS Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16C55-20/SS
Description  ROM-Based 8-Bit CMOS Microcontroller Series
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C55-20/SS Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16C55-20/SS Datasheet HTML 69Page - Microchip Technology PIC16C55-20/SS Datasheet HTML 70Page - Microchip Technology PIC16C55-20/SS Datasheet HTML 71Page - Microchip Technology PIC16C55-20/SS Datasheet HTML 72Page - Microchip Technology PIC16C55-20/SS Datasheet HTML 73Page - Microchip Technology PIC16C55-20/SS Datasheet HTML 74Page - Microchip Technology PIC16C55-20/SS Datasheet HTML 75Page - Microchip Technology PIC16C55-20/SS Datasheet HTML 76Page - Microchip Technology PIC16C55-20/SS Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40191A-page 73
PIC16CR54C
12.0
PACKAGING INFORMATION
12.1
Package Marking Information
MMMMMMMMMMMMXXX
MMMMMMMMXXXXXXX
AABB CDE
18-Lead PDIP
PIC16CR54C-
04/P123
9813 HBA
Example
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
O = Outside Vendor
C = 5” Line
S = 6” Line
H = 8” Line
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled
*
Standard ROM marking consists of Microchip part number, year code, week
code, facility code, mask rev#, and assembly code.
For
ROM marking
beyond this, certain price adders apply. Please check with your Microchip
Sales Office.
Note:
In the event the full Microchip part number cannot be marked on one line,
it will be carried over to the next line thus limiting the number of available
characters for customer specific information.
18-Lead SOIC
MMMMMMMMM
AABB CDE
XXXXXXXXX
20-Lead SSOP
XXXXXXXX
AABB CDE
MMMMMMMM
Example
PIC16CR54C-
9810 HDK
04I/S0218
Example
04I/218
9810 HBP
PIC16CR54C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com