Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC647 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC647
Description  PWM Fan Speed Controller with FanSense Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC647 Datasheet HTML 11Page - Microchip Technology TC647 Datasheet HTML 12Page - Microchip Technology TC647 Datasheet HTML 13Page - Microchip Technology TC647 Datasheet HTML 14Page - Microchip Technology TC647 Datasheet HTML 15Page - Microchip Technology TC647 Datasheet HTML 16Page - Microchip Technology TC647 Datasheet HTML 17Page - Microchip Technology TC647 Datasheet HTML 18Page - Microchip Technology TC647 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2002 Microchip Technology Inc.
DS21447C-page 15
TC647
FIGURE 5-9:
Design Example.
5.8
TC647 as a Microcontroller
Peripheral
In a system containing a microcontroller or other host
intelligence, the TC647 can be effectively managed as
a CPU peripheral. Routine fan control functions can be
performed by the TC647 without controller intervention.
The microcontroller receives temperature data from one
or more points throughout the system. It calculates a fan
operating speed based on an algorithm specifically
designed for the application at hand. The processor
controls fan speed using complimentary port bits I/O1
through I/O3. Resistors R1 through R6 (5% tolerance)
form a crude 3-bit DAC that translates the 3-bit code
from the controller or processor's outputs into a 1.6V DC
control signal. A monolithic DAC or digital pot may be
used instead of the circuit shown in Figure 5-10.
With VMIN set to 1.8V, the TC647 has a minimum
operating speed of approximately 40% of full rated
speed when the processor's output code is 000[B].
Output codes 001[B] to 111[B] operate the fan from
roughly 40% to 100% of full speed. An open-drain
output from the processor I/O can be used to reset the
TC647 following detection of a fault condition. The
FAULT output can be connected to the processor's
interrupt input, or to an I/O pin, for polled operation (see
Figure 5-10).
FAULT
SENSE
NTC
10 k
Ω
@ 25
°C
R1
20.5 k
Ω
R2
3.83 k
Ω
R5
33 k
Ω
R7
800
Ω
R6
18 k
Ω
R8
10 k
Ω
GND
Fan Shutdown
(Optional)
Q1
Q2
+12V
+5V
+5V
+5V
VDD
VIN
VMIN
VOUT
RSENSE
2.2
Ω
CSENSE
0.1 µF
C1
1 µF
CF
TC647
Fan
CB
0.01 µF
+
8
4
6
7
5
2
3
1
System
Fault
CB
0.01 µF
CB
1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com