Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC664 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC664
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC664 Datasheet(HTML) 1 Page - Microchip Technology

  TC664 Datasheet HTML 1Page - Microchip Technology TC664 Datasheet HTML 2Page - Microchip Technology TC664 Datasheet HTML 3Page - Microchip Technology TC664 Datasheet HTML 4Page - Microchip Technology TC664 Datasheet HTML 5Page - Microchip Technology TC664 Datasheet HTML 6Page - Microchip Technology TC664 Datasheet HTML 7Page - Microchip Technology TC664 Datasheet HTML 8Page - Microchip Technology TC664 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2002 Microchip Technology Inc.
DS21737A-page 1
M
TC664/TC665
Features
• Temperature Proportional Fan Speed for Reduced
Acoustic Noise and Longer Fan Life
• FanSense™ Protects against Fan Failure and
Eliminates the Need for 3-wire Fans
• Over Temperature Detection (TC665)
• Efficient PWM Fan Drive
• Provides RPM Data
• 2-Wire SMBus™-Compatible Interface
• Supports Any Fan Voltage
• Software Controlled Shutdown Mode for "Green"
Systems
• Supports Low Cost NTC/PTC Thermistors
• Space Saving 10-Pin MSOP Package
• Temperature Range: -40°C to +85ºC
Applications
• Personal Computers & Servers
• LCD Projectors
• Datacom & Telecom Equipment
• Fan Trays
• File Servers
• Workstations
• General Purpose Fan Speed Control
Package Type
Description
The TC664/TC665 devices are PWM mode fan speed
controllers with FanSense technology for use with
brushless DC fans. These devices implement temper-
ature proportional fan speed control which lowers
acoustic fan noise and increases fan life. The voltage
at VIN (Pin 1) represents temperature and is typically
provided by an external thermistor or voltage output
temperature sensor. The PWM output (VOUT) is
adjusted between 30% and 100%, based on the volt-
age at VIN. The PWM duty cycle can also be pro-
grammed via SMBus to allow fan speed control without
the need for an external thermistor. If VIN is not con-
nected, the TC664/TC665 will start driving the fan at a
default duty cycle of 39.33%. See Section 4.3, "Fan
Startup", for more details).
In normal fan operation, a pulse train is present at the
SENSE pin (Pin 8). The TC664/TC665 use these
pulses to calculate the fan revolutions per minute
(RPM). The fan RPM data is used to detect a worn out,
stalled, open or unconnected fan. An RPM level below
the user-programmable threshold causes the TC664/
TC665 to assert a logic low alert signal (FAULT). The
default threshold value is 500 RPM. Also, if this condi-
tion occurs, FF (bit 0<0>) in the Status Register will also
be set to a ‘1’.
An over-temperature condition is indicated when the
voltage at VIN exceeds 2.6 V (typical). The TC664/
TC665 devices indicate this by setting OTF(bit 5<X>) in
the Status Register to a '1'. The TC665 device also
pulls the FAULT line low during an over-temperature
condition.
The TC664/TC665 devices are available in a 10-Pin
MSOP package and consume 150 µA during opera-
tion. The devices can also enter a low-power shutdown
mode (5 µA, typ.) by setting the appropriate bit in the
Configuration Register. The operating temperature
range for these devices is -40°C to +85ºC.
10-Pin MSOP
1
2
3
4
5
10
9
8
7
6
VIN
CF
SCLK
SDA
GND
VDD
VOUT
SENSE
NC
FAULT
TC664
TC665
SMBus™ PWM Fan Speed Controllers With
Fan Fault Detection
SMBus is a trademark of Intel Coporation


Similar Part No. - TC664

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC664 MICROCHIP-TC664 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC664 MICROCHIP-TC664 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
More results

Similar Description - TC664

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC654 MICROCHIP-TC654 Datasheet
706Kb / 36P
Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
logo
Maxim Integrated Produc...
MAX6643 MAXIM-MAX6643 Datasheet
213Kb / 17P
Automatic PWM Fan-Speed Controllers with Overtemperature Output
19-3305; Rev 2; 3/07
logo
Microchip Technology
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
TC646BEPA MICROCHIP-TC646BEPA Datasheet
728Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
TC654 MICROCHIP-TC654_14 Datasheet
580Kb / 38P
Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
03/25/14
logo
Maxim Integrated Produc...
MAX6643 MAXIM-MAX6643_V01 Datasheet
762Kb / 18P
Automatic PWM Fan-Speed Controllers with Overtemperature Output
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com