Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2647MTC/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2647MTC/NOPB
Description  LM2647 Dual Synchronous Buck Regulator Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2647MTC/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2647MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM2647MTC/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LM2647
www.ti.com
SNVS210F – JUNE 2003 – REVISED APRIL 2013
loads. Note the bunching of several fixed-width pulses followed by skipped pulses. The average frequency can
actually fall very low at very light loads. Note however that when this happens the inductor core is seeing only
very mild flux excursions, and so no significant audible noise is created. But if EMI is a particularly sensitive issue
for the particular application, the user can simply opt for the slightly less efficient, though constant frequency
FPWM mode.
CH1: HDRV, CH2: LDRV, CH3: SW, CH4: IL (0.2A/div)
Output 1V @ 0.04A, VIN = 10V, SKIP, L = 10µH, f = 300kHz
Figure 11. Normal SKIP Mode Operation at Light Loads
The SKIP mode is enabled when the FPWM pin is held low (or left floating). Note that at higher loads, and under
steady state conditions (above CCM-DCM boundary), there will be absolutely no difference in the behavior of the
LM2647 or the associated converter waveforms based on the voltage applied on the FPWM pin. The differences
show up only at light loads.
Under startup too, since the currents are high until the output capacitors have charged up, there will be no
observable difference in the shape of the ramp-up of the output rails in either SKIP mode or FPWM mode. The
design has thus forced the startup waveforms to be identical irrespective of whether the FPWM mode or the
SKIP mode has been selected.
The designer must realize that even at zero load condition, there is circulating current when operated in FPWM
mode. This is illustrated in Figure 12. Since duty cycle is the same as for conventional CCM, from V = L*
ΔI / Δt it
can be seen that
ΔI (or Ipp in Figure 12) must remain constant for any load, including zero. At zero load, the
average current through the inductor is zero, so the geometric center of the sawtooth waveform (the center being
always equal to load current) is along the x-axis. At critical conduction (boundary between conventional CCM and
what should have been DCM were it not in FPWM mode), the load current is equal to Ipp/2. Note that
excessively low values of inductance will produce much higher current ripple and this will lead to higher
circulating currents and dissipation.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com