Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54T-LPE/SO Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16C54T-LPE/SO
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-LPE/SO Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16C54T-LPE/SO Datasheet HTML 81Page - Microchip Technology PIC16C54T-LPE/SO Datasheet HTML 82Page - Microchip Technology PIC16C54T-LPE/SO Datasheet HTML 83Page - Microchip Technology PIC16C54T-LPE/SO Datasheet HTML 84Page - Microchip Technology PIC16C54T-LPE/SO Datasheet HTML 85Page - Microchip Technology PIC16C54T-LPE/SO Datasheet HTML 86Page - Microchip Technology PIC16C54T-LPE/SO Datasheet HTML 87Page - Microchip Technology PIC16C54T-LPE/SO Datasheet HTML 88Page - Microchip Technology PIC16C54T-LPE/SO Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 85
PIC16C54/55/56/57
PIC16C5X
FIGURE 12-12: TYPICAL IDD vs. FREQUENCY (EXTERNAL CLOCK, 25
°C)
FIGURE 12-13: MAXIMUM IDD vs. FREQUENCY (EXTERNAL CLOCK, –40
°C TO +85°C)
10k
100k
1M
10M
100M
0.01
0.1
1.0
10
External Clock Frequency (Hz)
5.0
4.5
4.0
2.5
3.0
3.5
5.5
6.0
6.5
7.0
10k
100k
1M
10M
100M
0.01
0.1
1.0
10
External Clock Frequency (Hz)
5.0
4.5
4.0
3.5
5.5
6.0
6.5
7.0
2.5
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com