Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04E/SP Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16C641-04E/SP
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04E/SP Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16C641-04E/SP Datasheet HTML 94Page - Microchip Technology PIC16C641-04E/SP Datasheet HTML 95Page - Microchip Technology PIC16C641-04E/SP Datasheet HTML 96Page - Microchip Technology PIC16C641-04E/SP Datasheet HTML 97Page - Microchip Technology PIC16C641-04E/SP Datasheet HTML 98Page - Microchip Technology PIC16C641-04E/SP Datasheet HTML 99Page - Microchip Technology PIC16C641-04E/SP Datasheet HTML 100Page - Microchip Technology PIC16C641-04E/SP Datasheet HTML 101Page - Microchip Technology PIC16C641-04E/SP Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 136 page
background image
PIC16C64X & PIC16C66X
DS30559A-page 98
Preliminary
© 1996 Microchip Technology Inc.
12.5
Timing Diagrams and Specifications
FIGURE 12-2: EXTERNAL CLOCK TIMING
TABLE 12-4:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Fosc
External CLKIN Frequency(1)
DC
—
4
MHz
XT and RC osc mode,
VDD = 5.0V
DC
—
20
MHz
HS osc mode
DC
—
200
kHz
LP osc mode
Oscillator Frequency (1)
DC
—
4
MHz
RC osc mode, VDD = 5.0V
0.1
—
4
MHz
XT osc mode
4
—
20
MHz
HS osc mode
5
–
200
kHz
LP osc mode
1
Tosc
External CLKIN Period(1)
250
—
—
ns
XT and RC osc mode
50
—
—
ns
HS osc mode
5—
—
µs
LP osc mode
Oscillator Period(1)
250
—
—
ns
RC osc mode
250
—
10,000 ns
XT osc mode
50
—
250
ns
HS osc mode
5—
—
µs
LP osc mode
2TCY
Instruction Cycle Time(1)
200
—
DC
ns
TCY = FOSC/4
3*
TosL,
TosH
External Clock in (OSC1)
High or Low Time
100
—
—
ns
XT osc mode
2.5
—
—
µs
LP osc mode
15
—
—
ns
HS osc mode
4*
TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
—
—
25
ns
XT osc mode
—
—
50
ns
LP osc mode
—
—
15
ns
HS osc mode
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with
the device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption. All devices are tested to operate at “min.” values with an
external clock applied to the OSC1 pin.
When an external clock input is used, the “Max.” cycle time limit is “DC” (no clock) for all devices.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com