Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5085MM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085MM/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085MM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5085MM/NOPB Datasheet HTML 9Page - Texas Instruments LM5085MM/NOPB Datasheet HTML 10Page - Texas Instruments LM5085MM/NOPB Datasheet HTML 11Page - Texas Instruments LM5085MM/NOPB Datasheet HTML 12Page - Texas Instruments LM5085MM/NOPB Datasheet HTML 13Page - Texas Instruments LM5085MM/NOPB Datasheet HTML 14Page - Texas Instruments LM5085MM/NOPB Datasheet HTML 15Page - Texas Instruments LM5085MM/NOPB Datasheet HTML 16Page - Texas Instruments LM5085MM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
VIN x tON
tOFF
VFD + VESR t
'I =
(VOUT + VFD + VESR) x tOFF
L
'I =
(VIN - VOUT) x tON
L
tOFF(CL) =
(VFB x 0.93) + 0.28V
4.1 x 10
-6
x ((VIN/31) + 0.15)
LM5085, LM5085-Q1
www.ti.com
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
Feature Description (continued)
The CADJ capacitor filters noise from the ADJ pin, and helps prevent unintended switching of the current limit
comparator due to input voltage transients. The recommended value for CADJ is 1000pF.
7.3.5 Current Limit Off-Time
When the current through Q1 exceeds the current limit threshold, the LM5085 forces an off-time longer than the
normal off-time defined by Equation 1. See the graph “Off-Time vs. VIN and VFB”, or calculate the current limit off-
time from the following equation:
(10)
where VIN is the input voltage, and VFB is the voltage at the FB pin at the time current limit was detected. This
feature is necessary to allow the inductor current to decrease sufficiently to offset the current increase which
occurred during the on-time. During the on-time, the inductor current increases an amount equal to:
(11)
During the off-time the inductor current decreases due to the reverse voltage applied across the inductor by the
output voltage, the freewheeling diode’s forward voltage (VFD), and the voltage drop due to the inductor’s series
resistance (VESR). The current decrease is equal to:
(12)
The on-time in Equation 11 is shorter than the normal on-time since the PFET is shut off when the current limit
threshold is crossed. If the off-time is not long enough, such that the current decrease (Equation 12) is less than
the current increase (Equation 11), the current levels are higher at the start of the next on-time. This results in a
further decrease in on-time, since the current limit threshold is crossed sooner. A balance is reached when the
current changes in Equation 11 and Equation 12 are equal. The worst case situation is that of a direct short
circuit at the output terminals, where VOUT = 0V, as that results in the largest current increase during the on-time,
and the smallest decrease during the off-time. The sum of the diode’s forward voltage and the inductor’s ESR
voltage must be sufficient to ensure current runaway does not occur. Using Equation 11 and Equation 12, this
requirement can be stated as:
(13)
For tON in Equation 13, use the minimum on-time at the SW node. To determine this time period add the
“Minimum On-Time in Current Limit” specified in the Electrical Characteristics (tON-4) to the difference of the turn-
off and turn-on delays of the PFET. For tOFF use the value in the graph “Off-Time vs. VIN and VFB”, or use
Equation 10, where VFB is equal to zero volts. When using the minimum or maximum limits of those
specifications to determine worst case situations, the tolerance of the minimum on-time (tON-4) and the current
limit off-times (tOFF(CL1) through tOFF(CL4)) track each other over the process and temperature variations. A device
which has an on-time at the high end of the range will have an off-time that is at the high end of its range.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com