Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7662B Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7662B
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662B Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7662B Datasheet HTML 3Page - Microchip Technology TC7662B Datasheet HTML 4Page - Microchip Technology TC7662B Datasheet HTML 5Page - Microchip Technology TC7662B Datasheet HTML 6Page - Microchip Technology TC7662B Datasheet HTML 7Page - Microchip Technology TC7662B Datasheet HTML 8Page - Microchip Technology TC7662B Datasheet HTML 9Page - Microchip Technology TC7662B Datasheet HTML 10Page - Microchip Technology TC7662B Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
TC7662B
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
TC7662B-8 9/11/96
© 2001 Microchip Technology Inc.
DS21469A
1
2
3
4
8
7
6
5
TC7662B
1
µF
+
+
1
µF
–
+5 LOGIC SUPPLY
TTL DATA
INPUT
RS232
DATA
OUTPUT
11
3
12
16
4
15
13
14
1
IH5142
+5V
-5V
Figure 13. RS232 Levels from a Single 5V Supply
Regulated Negative Voltage Supply
In some cases, the output impedance of the TC7662B
can be a problem, particularly if the load current varies
substantially. The circuit of Figure 12 can be used to over-
come this by controlling the input voltage, via an ICL7611
low-power CMOS op amp, in such a way as to maintain a
nearly constant output voltage. Direct feedback is advisable,
since the TC7662B’s output does not respond instanta-
neously to change in input, but only after the switching delay.
The circuit shown supplies enough delay to accommodate
the TC7662B, while maintaining adequate feedback. An
increase in pump and storage capacitors is desirable, and
the values shown provide an output impedance of less than
5
Ω to a load of 10mA.
1
2
3
4
8
7
6
5
TC7662B
100
µF
+
V+
100
µF
VOUT
-
50k
100k
+8V
50k
10
µF
–
+
800k
250K
VOLTAGE
ADJUST
+8V
56k
–
+
Figure 12. Regulating the Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com