Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC62BT-04/SS Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16LC62BT-04/SS
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62BT-04/SS Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16LC62BT-04/SS Datasheet HTML 78Page - Microchip Technology PIC16LC62BT-04/SS Datasheet HTML 79Page - Microchip Technology PIC16LC62BT-04/SS Datasheet HTML 80Page - Microchip Technology PIC16LC62BT-04/SS Datasheet HTML 81Page - Microchip Technology PIC16LC62BT-04/SS Datasheet HTML 82Page - Microchip Technology PIC16LC62BT-04/SS Datasheet HTML 83Page - Microchip Technology PIC16LC62BT-04/SS Datasheet HTML 84Page - Microchip Technology PIC16LC62BT-04/SS Datasheet HTML 85Page - Microchip Technology PIC16LC62BT-04/SS Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 120 page
background image
PIC16C62B/72A
DS35008B-page 82
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 13-1: PIC16C62B/72A-20 VOLTAGE-FREQUENCY GRAPH
FIGURE 13-2: PIC16LC62B/72A AND PIC16C62B/72A/JW VOLTAGE-FREQUENCY GRAPH
Frequency
6.0 V
5.5 V
4.5 V
4.0 V
2.0 V
20 MHz
5.0 V
3.5 V
3.0 V
2.5 V
PIC16CXXX
PIC16CXXX-20
Frequency
6.0 V
5.5 V
4.5 V
4.0 V
2.0 V
10 MHz
5.0 V
3.5 V
3.0 V
2.5 V
FMAX = (12.0 MHz/V) (VDDAPPMIN - 2.5 V) + 4 MHz
Note: VDDAPPMIN is the minimum voltage of the PICmicro® device in the application.
4 MHz
PIC16LCXXX-04
Fmax is no greater than 10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com