Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04/TQ Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 58Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 59Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 60Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 61Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 62Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 63Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 64Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 65Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 136 page
background image
PIC16C64X & PIC16C66X
DS30559A-page 62
Preliminary
© 1996 Microchip Technology Inc.
TABLE 9-4:
STATUS BITS AND THEIR SIGNIFICANCE
TABLE 9-5:
INITIALIZATION CONDITION FOR SPECIAL REGISTERS
PER
POR
BOR
TO
PD
10x11
Power-on Reset
x0x0x
Illegal, TO is set on POR
x0xx0
Illegal, PD is set on POR
11011
Brown-out Reset
11101
WDT Reset
11100
WDT Wake-up
111uu
MCLR reset during normal operation
11110
MCLR reset during SLEEP
01111
Parity Error Reset
00xxx
Illegal, PER is set on POR
0x0xx
Illegal, PER is set on BOR
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
u--- -10x
MCLR reset during normal operation
000h
000u uuuu
u--- -uuu
MCLR reset during SLEEP
000h
0001 0uuu
u--- -uuu
WDT reset
000h
0000 1uuu
u--- -uuu
WDT Wake-up
PC + 1
uuu0 0uuu
u--- -uuu
Brown-out Reset
000h
0001 1uuu
u--- -uu0
Parity Error Reset
000h
0001 1uuu
1--- -0uu
Interrupt Wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
u--- -uuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1: When the wake-up is due to an interrupt and global enable bit, GIE is set, the PC is loaded with the inter-
rupt vector (0004h) after execution of PC+1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com