Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04/TQ Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 121Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 122Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 123Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 124Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 125Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 126Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 127Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 128Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 136 page
background image
© 1996 Microchip Technology Inc.
DS30559A-page 125
PIC16C64X & PIC16C66X
PIN COMPATIBILITY
Devices that have the same package type and VDD,
VSS and MCLR pin locations are said to be pin
compatible. This allows these different devices to
operate in the same socket. Compatible devices may
only requires minor software modification to allow
proper
operation
in
the
application
socket
(ex., PIC16C56 and PIC16C61 devices). Not all
devices in the same package size are pin compatible;
for example, the PIC16C62 is compatible with the
PIC16C63, but not the PIC16C55.
Pin compatibility does not mean that the devices offer
the same features. As an example, the PIC16C54 is
pin compatible with the PIC16C71, but does not have
an A/D converter, weak pull-ups on PORTB, or
interrupts.
TABLE E-1:
PIN COMPATIBLE DEVICES
Pin Compatible Devices
Package
PIC12C508, PIC12C509
8-pin
PIC16C54, PIC16C54A,
PIC16CR54A,
PIC16C56,
PIC16C58A, PIC16CR58A,
PIC16C61,
PIC16C554, PIC16C556, PIC16C558
PIC16C620, PIC16C621, PIC16C622,
PIC16C710, PIC16C71, PIC16C711,
PIC16F83, PIC16CR83,
PIC16C84, PIC16F84A, PIC16CR84
18-pin
20-pin
PIC16C55,
PIC16C57, PIC16CR57B
28-pin
PIC16C62, PIC16CR62, PIC16C62A, PIC16C63,
PIC16C72, PIC16C73, PIC16C73A
28-pin
PIC16C64, PIC16CR64, PIC16C64A,
PIC16C65, PIC16C65A,
PIC16C74, PIC16C74A
40-pin
PIC17C42, PIC17CR42, PIC17C42A,
PIC17C43, PIC17CR43, PIC17C44
40-pin
PIC16C923, PIC16C924
64/68-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com