Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04/TQ Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 128Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 129Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 130Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 131Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 132Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 133Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 134Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 135Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 136Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
© 1996 Microchip Technology Inc.
DS30559A-page 135
PIC16C64X & PIC16C66X
PIC16C64X & PIC16C66X PRODUCT IDENTIFICATION SYSTEM
Please contact your local sales office for exact ordering procedures.
JW devices are UV erasable and can be programmed to any device configuration. JW devices meet the electrical
requirements of each oscillator type (including LC devices).
Pattern:
Special Requirements
Package:
SO
= SOIC
L
= PLCC
P
= PDIP
TQ
= TQFP
SP
= Skinny DIP
JW
= Windowed DIP
Temperature
Range:
-= 0
°C to +70°C
I
= -40
°C to +85°C
E
= -40
°C to +125°C
Frequency
Range:
04
= 4 MHz
10
= 10MHz
20
= 20 MHz
Device
PART NO. -XX X /XX XXX
Examples
a)
PIC16C662-04/P
Commercial Temp.,
PDIP Package, 4 MHz,
normal VDD limits
b)
PIC16C662-04I/SO
Industrial Temp., SOIC
package, 4 MHz, normal
VDD limits
c)
PIC16C662-04E/P
Automotive Temp.,
PDIP package, 4 MHz,
normal VDD limits
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
Your local Microchip sales office (see below)
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
1.
2.
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com