| Electronic Components Datasheet Search |
|
PIC16LC620-04I/SS Datasheet(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC620-04I/SS Datasheet(HTML) 49 Page - Microchip Technology |
|
49 / 108 page ![]() © 1998 Microchip Technology Inc. Preliminary DS30235G-page 49 PIC16C62X 9.3 Reset The PIC16C62X differentiates between various kinds of reset: a) Power-on reset (POR) b) MCLR reset during normal operation c) MCLR reset during SLEEP d) WDT reset (normal operation) e) WDT wake-up (SLEEP) f) Brown-out Reset (BOR) Some registers are not affected in any reset condition; their status is unknown on POR and unchanged in any other reset. Most other registers are reset to a “reset state” on Power-on reset, MCLR reset, WDT reset and MCLR reset during SLEEP. They are not affected by a WDT wake-up, since this is viewed as the resumption of normal operation. TO and PD bits are set or cleared differently in different reset situations as indicated in Table 9-4. These bits are used in software to determine the nature of the reset. See Table 9-7 for a full descrip- tion of reset states of all registers. A simplified block diagram of the on-chip reset circuit is shown in Figure 9-7. The MCLR reset path has a noise filter to detect and ignore small pulses. See Table 12-6 for pulse width specification. FIGURE 9-7: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT S R Q External Reset MCLR/ VDD OSC1/ WDT Module VDD rise detect OST/PWRT On-chip(1) RC OSC WDT Time-out Power-on Reset OST PWRT Chip_Reset 10-bit Ripple-counter Reset Enable OST Enable PWRT SLEEP See Table 9-3 for time-out situations. Note 1: This is a separate oscillator from the RC oscillator of the CLKIN pin. Brown-out Reset BOREN CLKIN Pin VPP Pin 10-bit Ripple-counter Q |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |