Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC620-20/JW Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16LC620-20/JW
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20/JW Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16LC620-20/JW Datasheet HTML 2Page - Microchip Technology PIC16LC620-20/JW Datasheet HTML 3Page - Microchip Technology PIC16LC620-20/JW Datasheet HTML 4Page - Microchip Technology PIC16LC620-20/JW Datasheet HTML 5Page - Microchip Technology PIC16LC620-20/JW Datasheet HTML 6Page - Microchip Technology PIC16LC620-20/JW Datasheet HTML 7Page - Microchip Technology PIC16LC620-20/JW Datasheet HTML 8Page - Microchip Technology PIC16LC620-20/JW Datasheet HTML 9Page - Microchip Technology PIC16LC620-20/JW Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
PIC16C62X
DS30235G-page 6
Preliminary
© 1998 Microchip Technology Inc.
TABLE 1-1:
PIC16C62X FAMILY OF DEVICES
PIC16C620
PIC16C620A
PIC16CR620A
PIC16C621
PIC16C621A
PIC16C622
PIC16C622A
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
20
20
Memory
EPROM Program
Memory
(x14 words)
512
512
512
1K
1K
2K
2K
Data Memory (bytes)
80
96
96
80
96
128
128
Peripherals
Timer Module(s)
TMR0
TMR0
TMRO
TMR0
TMR0
TMR0
TMR0
Comparators(s)
2
2
2
2
2
2
2
Internal Reference
Voltage
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Features
Interrupt Sources
4
4
4
4
4
4
4
I/O Pins
13
13
13
13
13
13
13
Voltage Range (Volts) 2.5-6.0
3.0-5.5
2.5-5.5
2.5-6.0
3.0-5.5
2.5-6.0
3.0-5.5
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high
I/O current capability. All PIC16C62X Family devices use serial programming with clock pin RB6 and data pin RB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com