Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44-16/P Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC17C44-16/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-16/P Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC17C44-16/P Datasheet HTML 134Page - Microchip Technology PIC17C44-16/P Datasheet HTML 135Page - Microchip Technology PIC17C44-16/P Datasheet HTML 136Page - Microchip Technology PIC17C44-16/P Datasheet HTML 137Page - Microchip Technology PIC17C44-16/P Datasheet HTML 138Page - Microchip Technology PIC17C44-16/P Datasheet HTML 139Page - Microchip Technology PIC17C44-16/P Datasheet HTML 140Page - Microchip Technology PIC17C44-16/P Datasheet HTML 141Page - Microchip Technology PIC17C44-16/P Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 240 page
background image
PIC17C4X
DS30412C-page 138
© 1996 Microchip Technology Inc.
TABLRD
Table Read
Example1:
TABLRD
1, 1, REG ;
Before Instruction
REG
=
0x53
TBLATH
=
0xAA
TBLATL
=
0x55
TBLPTR
=
0xA356
MEMORY(TBLPTR)
=
0x1234
After Instruction (table write completion)
REG
=
0xAA
TBLATH
=
0x12
TBLATL
=
0x34
TBLPTR
=
0xA357
MEMORY(TBLPTR)
=
0x5678
Example2:
TABLRD
0, 0, REG ;
Before Instruction
REG
=
0x53
TBLATH
=
0xAA
TBLATL
=
0x55
TBLPTR
=
0xA356
MEMORY(TBLPTR)
=
0x1234
After Instruction (table write completion)
REG
=
0x55
TBLATH
=
0x12
TBLATL
=
0x34
TBLPTR
=
0xA356
MEMORY(TBLPTR)
=
0x1234
TABLWT
Table Write
Syntax:
[
label ] TABLWT t,i,f
Operands:
0
≤ f ≤ 255
i
∈ [0,1]
t
∈ [0,1]
Operation:
If t = 0,
f
→ TBLATL;
If t = 1,
f
→ TBLATH;
TBLAT
→ Prog Mem (TBLPTR);
If i = 1,
TBLPTR + 1
→ TBLPTR
Status Affected:
None
Encoding:
1010
11ti
ffff
ffff
Description:
1.
Load value in ’f’ into 16-bit table
latch (TBLAT)
If t = 0: load into low byte;
If t = 1: load into high byte
2.
The contents of TBLAT is written
to the program memory location
pointed to by TBLPTR
If TBLPTR points to external
program memory location, then
the instruction takes two-cycle
If TBLPTR points to an internal
EPROM
location,
then
the
instruction is terminated when
an interrupt is received.
Note:
The MCLR/VPP pin must be at the programming
voltage for successful programming of internal
memory.
If MCLR/VPP = VDD
the programming sequence of internal memory
will be executed, but will not be successful
(although the internal memory location may be
disturbed)
3.
The TBLPTR can be automati-
cally incremented
If i = 0; TBLPTR is not
incremented
If i = 1; TBLPTR is incremented
Words:
1
Cycles:
2 (many if write is to on-chip
EPROM program memory)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write
register
TBLATH or
TBLATL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com