Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44-16/P Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC17C44-16/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-16/P Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC17C44-16/P Datasheet HTML 135Page - Microchip Technology PIC17C44-16/P Datasheet HTML 136Page - Microchip Technology PIC17C44-16/P Datasheet HTML 137Page - Microchip Technology PIC17C44-16/P Datasheet HTML 138Page - Microchip Technology PIC17C44-16/P Datasheet HTML 139Page - Microchip Technology PIC17C44-16/P Datasheet HTML 140Page - Microchip Technology PIC17C44-16/P Datasheet HTML 141Page - Microchip Technology PIC17C44-16/P Datasheet HTML 142Page - Microchip Technology PIC17C44-16/P Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 139
PIC17C4X
TABLWT
Table Write
Example1:
TABLWT
0, 1, REG
Before Instruction
REG
=
0x53
TBLATH
=
0xAA
TBLATL
=
0x55
TBLPTR
=
0xA356
MEMORY(TBLPTR)
=
0xFFFF
After Instruction (table write completion)
REG
=
0x53
TBLATH
=
0x53
TBLATL
=
0x55
TBLPTR
=
0xA357
MEMORY(TBLPTR - 1) =
0x5355
Example 2:
TABLWT
1, 0, REG
Before Instruction
REG
=
0x53
TBLATH
=
0xAA
TBLATL
=
0x55
TBLPTR
=
0xA356
MEMORY(TBLPTR)
=
0xFFFF
After Instruction (table write completion)
REG
=
0x53
TBLATH
=
0xAA
TBLATL
=
0x53
TBLPTR
=
0xA356
MEMORY(TBLPTR)
=
0xAA53
Program
Memory
16 bits
15
0
TBLPTR
TBLAT
Data
Memory
8 bits
15
8
70
TLRD
Table Latch Read
Syntax:
[
label ] TLRD t,f
Operands:
0
≤ f ≤ 255
t
∈ [0,1]
Operation:
If t = 0,
TBLATL
→ f;
If t = 1,
TBLATH
→ f
Status Affected:
None
Encoding:
1010
00tx
ffff
ffff
Description:
Read data from 16-bit table latch
(TBLAT) into file register 'f'. Table Latch
is unaffected.
If t = 1; high byte is read
If t = 0; low byte is read
This instruction is used in conjunction
with TABLRD to transfer data from pro-
gram memory to data memory.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register
TBLATH or
TBLATL
Execute
Write
register 'f'
Example:
TLRD
t, RAM
Before Instruction
t=
0
RAM
=
?
TBLAT
=
0x00AF
(TBLATH = 0x00)
(TBLATL = 0xAF)
After Instruction
RAM
=
0xAF
TBLAT
=
0x00AF
(TBLATH = 0x00)
(TBLATL = 0xAF)
Before Instruction
t=
1
RAM
=
?
TBLAT
=
0x00AF
(TBLATH = 0x00)
(TBLATL = 0xAF)
After Instruction
RAM
=
0x00
TBLAT
=
0x00AF
(TBLATH = 0x00)
(TBLATL = 0xAF)
Program
Memory
16 bits
15
0
TBLPTR
TBLAT
Data
Memory
8 bits
15
8
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com