Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44-08/PQ Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC17C44-08/PQ
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PQ Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC17C44-08/PQ Datasheet HTML 57Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 58Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 59Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 60Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 61Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 62Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 63Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 64Page - Microchip Technology PIC17C44-08/PQ Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 61
PIC17C4X
TABLE 9-7:
PORTD FUNCTIONS
TABLE 9-8:
REGISTERS/BITS ASSOCIATED WITH PORTD
Name
Bit
Buffer Type
Function
RD0/AD8
bit0
TTL
Input/Output or system bus address/data pin.
RD1/AD9
bit1
TTL
Input/Output or system bus address/data pin.
RD2/AD10
bit2
TTL
Input/Output or system bus address/data pin.
RD3/AD11
bit3
TTL
Input/Output or system bus address/data pin.
RD4/AD12
bit4
TTL
Input/Output or system bus address/data pin.
RD5/AD13
bit5
TTL
Input/Output or system bus address/data pin.
RD6/AD14
bit6
TTL
Input/Output or system bus address/data pin.
RD7/AD15
bit7
TTL
Input/Output or system bus address/data pin.
Legend: TTL = TTL input.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
(Note1)
13h, Bank 1
PORTD
RD7/
AD15
RD6/
AD14
RD5/
AD13
RD4/
AD12
RD3/
AD11
RD2/
AD10
RD1/
AD9
RD0/
AD8
xxxx xxxx
uuuu uuuu
12h, Bank 1
DDRD
Data direction register for PORTD
1111 1111
1111 1111
Legend: x = unknown, u = unchanged.
Note 1:
Other (non power-up) resets include: external reset through MCLR and the Watchdog Timer Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com