Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UF2N30ZG-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF2N30ZG-AA3-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF2N30ZG-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF2N30ZG-AA3-R Datasheet HTML 1Page - Unisonic Technologies UF2N30ZG-AA3-R Datasheet HTML 2Page - Unisonic Technologies UF2N30ZG-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF2N30Z
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-761.F
2A, 300V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UF2N30Z is an N-channel enhancement mode Power
MOSFET using UTC’ s advanced technology to provide customers with a
minimum on-state resistance, low gate charge and superior switching
performance.
FEATURES
* RDS(ON) < 2.5Ω @ VGS=10V, ID=1A
* High switching speed
* Typically 4nC low gate charge
* 100% avalanche tested
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
-
UF2N30ZG-AA3-R
SOT-223
G
D
S
Tape Reel
UF2N30ZL-TM3-T
UF2N30ZG-TM3-T
TO-251
G
D
S
Tube
UF2N30ZL-TMS-T
UF2N30ZG-TMS-T
TO-251S
G
D
S
Tube
UF2N30ZL-TN3-T
UF2N30ZG-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
SOT-223
TO-251 / TO-251S / TO-252


Similar Part No. - UF2N30ZG-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF2N30ZG-AA3-R UTC-UF2N30ZG-AA3-R Datasheet
145Kb / 3P
2A, 300V N-CHANNEL POWER MOSFET
More results

Similar Description - UF2N30ZG-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP672 UTC-UP672 Datasheet
162Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
1N40 UTC-1N40_15 Datasheet
173Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
6N40 UTC-6N40_15 Datasheet
189Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15 UTC-10N15_15 Datasheet
221Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF830 UTC-UF830_15 Datasheet
321Kb / 9P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF3205 UTC-UF3205_15 Datasheet
206Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70Z UTC-2N70Z_15 Datasheet
260Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N65 UTC-10N65_15 Datasheet
396Kb / 9P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70 UTC-10N70_15 Datasheet
243Kb / 7P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UT100N03 UTC-UT100N03_15 Datasheet
364Kb / 8P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com