Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4998P8D Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4998P8D
Description  High Performance Programmable Dual Linear Hall Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P8D Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4998P8D Datasheet HTML 9Page - Infineon Technologies AG TLE4998P8D Datasheet HTML 10Page - Infineon Technologies AG TLE4998P8D Datasheet HTML 11Page - Infineon Technologies AG TLE4998P8D Datasheet HTML 12Page - Infineon Technologies AG TLE4998P8D Datasheet HTML 13Page - Infineon Technologies AG TLE4998P8D Datasheet HTML 14Page - Infineon Technologies AG TLE4998P8D Datasheet HTML 15Page - Infineon Technologies AG TLE4998P8D Datasheet HTML 16Page - Infineon Technologies AG TLE4998P8D Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TLE4998P8D Grade1
Electrical, Thermal and Magnetic Parameters
Technical Product Description
13
Revision 1.0, 2014-05-21
5
Electrical, Thermal and Magnetic Parameters
All further given specifications are regarded to each of the implemented sensors IC’s, or otherwise noted.
Table 5-1
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
PWM output frequency
fPWM
122
–
1953
Hz
programmable1)
1) Internal RC oscillator variation +/- 20%
Output duty caycle range DYPWM
0
–
100
%
programmable
Supply current
IDD
368
mA
–
Output current @ OUT
shorted to supply lines
IOUTsh
–95
–
mA
VOUT = 5 V, max. 10 minutes
Thermal resistance PG-
TDSO-8-2
RthJA
–
150
–
K/W
junction to air
RthJC
–
85
–
K/W
junction to case
Power-on time2)
2) Response time to set up output data at power on when a constant field is applied. The first value given has a ±5% error,
the second value has a ±1% error. Measured with 640-Hz low-pass filter.
tPon
–0.7
15
2
20
ms
∆DYPWM ≤ ±5%
∆DYPWM ≤ ±1%
Power-on time3)
3) Response time to set up output data at power on when a constant field is applied. The first value given has a ±5% error,
the second value has a ±1% error. Measured with 640-Hz low-pass filter.
tPon
–0.7
15
2
20
ms
≤ ±5% target out value
≤ ±1% target out value
Power-on reset level4)
4) Power-on and power-off
VDDpon
3.45
3.65
3.87
V
at -40°C
3.36
3.55
3.77
V
at 25°C
3.15?
3.33?
3.54?
V
at 125°C
Output impedance
ZOUT
19
30
44
kΩ
5)
5) VDD=5V, VOUT=2.6V, open drain high state
Output fall time
tfall
23.5
5
μsVOUT 4.5V to 0.5V
6)
6) For
V
DD = 5 V, RL = 2.2 kW, CL = 4.7 nF, at room temperature, not considering capacitor tolerance or influence of external
circuitry
Output rise time
trise
–20
–
μsVOUT 0.5V to 4.5V
6)7)
7) Depends on External
R
L and CL, See Figure 5-1
Output low saturation
voltage
VOUTsat
–0.3
0.6
V
IOUTsink= 5 mA
0.2
0.4
IOUTsink= 2.2 mA
Output noise (rms)
OUTnoise
–12.5
LSB12
8)
8) Range 100 mT, Gain 2.23, internal LP filter 244 Hz, B = 0 mT,
T = 25 °C
Insulation resistance
RDIES
tbd
kΩ
between Dice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com