Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/SS Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16LC71-04E/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/SS Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16LC71-04E/SS Datasheet HTML 10Page - Microchip Technology PIC16LC71-04E/SS Datasheet HTML 11Page - Microchip Technology PIC16LC71-04E/SS Datasheet HTML 12Page - Microchip Technology PIC16LC71-04E/SS Datasheet HTML 13Page - Microchip Technology PIC16LC71-04E/SS Datasheet HTML 14Page - Microchip Technology PIC16LC71-04E/SS Datasheet HTML 15Page - Microchip Technology PIC16LC71-04E/SS Datasheet HTML 16Page - Microchip Technology PIC16LC71-04E/SS Datasheet HTML 17Page - Microchip Technology PIC16LC71-04E/SS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 176 page
background image
PIC16C71X
DS30272A-page 14
© 1997 Microchip Technology Inc.
4.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and Peripheral Modules for controlling the
desired operation of the device. These registers are
implemented as static RAM.
The special function registers can be classified into two
sets (core and peripheral). Those registers associated
with the “core” functions are described in this section,
and those related to the operation of the peripheral fea-
tures are described in the section of that peripheral
feature.
TABLE 4-1:
PIC16C710/71/711 SPECIAL FUNCTION REGISTER SUMMARY
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
(1)
Bank 0
00h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
0000 0000
01h
TMR0
Timer0 module’s register
xxxx xxxx
uuuu uuuu
02h(3)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
03h(3)
STATUS
IRP(5)
RP1(5)
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
04h(3)
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
05h
PORTA
—
—
—
PORTA Data Latch when written: PORTA pins when read
---x 0000
---u 0000
06h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
uuuu uuuu
07h
—
Unimplemented
—
—
08h
ADCON0
ADCS1
ADCS0
(6)
CHS1
CHS0
GO/DONE
ADIF
ADON
00-0 0000
00-0 0000
09h(3)
ADRES
A/D Result Register
xxxx xxxx
uuuu uuuu
0Ah(2,3)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
0Bh(3)
INTCON
GIE
ADIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
Bank 1
80h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
0000 0000
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h(3)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
83h(3)
STATUS
IRP(5)
RP1(5)
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
84h(3)
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
85h
TRISA
—
—
—
PORTA Data Direction Register
---1 1111
---1 1111
86h
TRISB
PORTB Data Direction Control Register
1111 1111
1111 1111
87h(4)
PCON
—
—
—
—
—
—
POR
BOR
---- --qq
---- --uu
88h
ADCON1
—
—
—
—
—
—
PCFG1
PCFG0
---- --00
---- --00
89h(3)
ADRES
A/D Result Register
xxxx xxxx
uuuu uuuu
8Ah(2,3)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
8Bh(3)
INTCON
GIE
ADIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
Other (non power-up) resets include external reset through MCLR and Watchdog Timer Reset.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose
contents are transferred to the upper byte of the program counter.
3:
These registers can be addressed from either bank.
4:
The PCON register is not physically implemented in the PIC16C71, read as ’0’.
5:
The IRP and RP1 bits are reserved on the PIC16C710/71/711, always maintain these bits clear.
6:
Bit5 of ADCON0 is a General Purpose R/W bit for the PIC16C710/711 only. For the PIC16C71, this bit is unimplemented,
read as '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com