Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/SP Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16LC71-04E/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/SP Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16LC71-04E/SP Datasheet HTML 53Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 54Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 55Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 56Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 57Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 58Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 59Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 60Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 57
PIC16C71X
TABLE 8-12:
INITIALIZATION CONDITIONS FOR ALL REGISTERS, PIC16C710/71/711
Register
Power-on Reset,
Brown-out Reset(5)
MCLR Resets
WDT Reset
Wake-up via
WDT or
Interrupt
W
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
N/A
N/A
N/A
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000h
0000h
PC + 1(2)
STATUS
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
---x 0000
---u 0000
---u uuuu
PORTB
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCLATH
---0 0000
---0 0000
---u uuuu
INTCON
0000 000x
0000 000u
uuuu uuuu(1)
ADRES
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
00-0 0000
00-0 0000
uu-u uuuu
OPTION
1111 1111
1111 1111
uuuu uuuu
TRISA
---1 1111
---1 1111
---u uuuu
TRISB
1111 1111
1111 1111
uuuu uuuu
PCON(4)
---- --0u
---- --uu
---- --uu
ADCON1
---- --00
---- --00
---- --uu
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as '0', q = value depends on condition
Note 1: One or more bits in INTCON will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3: See Table 8-10 for reset value for specific condition.
4: The PCON register is not implemented on the PIC16C71.
5: Brown-out reset is not implemented on the PIC16C71.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com