Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/SP Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC16LC71-04E/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/SP Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC16LC71-04E/SP Datasheet HTML 119Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 120Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 121Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 122Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 123Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 124Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 125Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 126Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 123
PIC16C71X
Applicable Devices
710 71 711 715
TABLE 13-7:
A/D CONVERTER CHARACTERISTICS:
PIC16LC715-04 (COMMERCIAL, INDUSTRIAL)
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
NR
Resolution
—
—
8-bits
—
VREF = VDD, VSS
≤ AIN ≤ VREF
NINT
Integral error
—
—
less than
±1 LSb
—
VREF = VDD, VSS
≤ AIN ≤ VREF
NDIF
Differential error
—
—
less than
±1 LSb
—
VREF = VDD, VSS
≤ AIN ≤ VREF
NFS
Full scale error
—
—
less than
±1 LSb
—
VREF = VDD, VSS
≤ AIN ≤ VREF
NOFF
Offset error
—
—
less than
±1 LSb
—
VREF = VDD, VSS
≤ AIN ≤ VREF
—
Monotonicity
—
guaranteed
—
—
VSS
≤ AIN ≤ VREF
VREF
Reference voltage
2.5V
—
VDD + 0.3
V
VAIN
Analog input voltage
VSS - 0.3
—
VREF + 0.3
V
ZAIN
Recommended
impedance of ana-
log voltage source
—
—
10.0
k
Ω
IAD
A/D conversion cur-
rent (VDD)
—
90
—
µA
Average current consumption when
A/D is on. (Note 1)
IREF
VREF input current
(Note 2)
—
—
1
10
mA
µA
During sampling
All other times
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
When A/D is off, it will not consume any current other than minor leakage current. The power-down current spec includes
any such leakage from the A/D module.
2:
VREF current is from RA3 pin or VDD pin, whichever is selected as reference input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com