Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F84AT-20/SS Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 46Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 47Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 48Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 49Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 50Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 51Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 52Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 53Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 124 page
background image
PIC16F8X
DS30430C-page 50
© 1998 Microchip Technology Inc.
8.11
Watchdog Timer (WDT)
The Watchdog Timer is a free running on-chip RC
oscillator
which
does
not
require
any
external
components. This RC oscillator is separate from the
RC oscillator of the OSC1/CLKIN pin. That means that
the WDT will run even if the clock on the OSC1/CLKIN
and OSC2/CLKOUT pins of the device has been
stopped, for example, by execution of a SLEEP
instruction. During normal operation a WDT time-out
generates a device RESET. If the device is in SLEEP
mode, a WDT Wake-up causes the device to wake-up
and continue with normal operation. The WDT can be
permanently disabled by programming configuration bit
WDTE as a '0' (Section 8.1).
8.11.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms, (with
no
prescaler). The
time-out
periods
vary
with
temperature, VDD and process variations from part to
part (see DC specs). If longer time-out periods are
desired, a prescaler with a division ratio of up to 1:128
can be assigned to the WDT under software control by
writing to the OPTION_REG register. Thus, time-out
periods up to 2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT and
the postscaler (if assigned to the WDT) and prevent it
from
timing
out
and
generating
a
device
RESET condition.
The TO bit in the STATUS register will be cleared upon
a WDT time-out.
8.11.2
WDT PROGRAMMING CONSIDERATIONS
It should also be taken into account that under worst
case conditions (VDD = Min., Temperature = Max., max.
WDT prescaler) it may take several seconds before a
WDT time-out occurs.
FIGURE 8-18: WATCHDOG TIMER BLOCK DIAGRAM
TABLE 8-7
SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
2007h
Config. bits
(2)
(2)
(2)
(2)
PWRTE(1)
WDTE
FOSC1
FOSC0
(2)
81h
OPTION_
REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: x = unknown. Shaded cells are not used by the WDT.
Note 1:
See Figure 8-1 and Figure 8-2 for operation of the PWRTE bit.
2:
See Figure 8-1, Figure 8-2 and Section 8.13 for operation of the Code and Data protection bits.
From TMR0 Clock Source
(Figure 6-6)
To TMR0 (Figure 6-6)
Postscaler
WDT Timer
M
U
X
PSA
8 - to -1 MUX
PSA
WDT
Time-out
1
0
0
1
WDT
Enable Bit
PS2:PS0
•
•
8
MUX
Note: PSA and PS2:PS0 are bits in the OPTION_REG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com