Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HF3FA/003-ZSTF Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF3FA/003-ZSTF
Description  SUBMINIATURE HIGH POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3FA/003-ZSTF Datasheet(HTML) 1 Page - Hongfa Technology

  HF3FA/003-ZSTF Datasheet HTML 1Page - Hongfa Technology HF3FA/003-ZSTF Datasheet HTML 2Page - Hongfa Technology HF3FA/003-ZSTF Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IONHGB RFLBY
.C@MNKCL
Gcf_ Ni4@ :6689=6>
JSO?6672 JSO5TS7<?:? 2 JSO7:6672 OISBS7>6672 JFDQ QD 6>6666 DFRTJGJFE
Gcf_ Ni4@ F79:;7=
867; R_p4 7477
Dihn[]n l_mcmn[h]_
Dihn[]n l[ncha
/R_m4 fi[^0
76B 8==VBD
76B 8>VED
Ff_]nlc][f _h^ol[h]_
77;
Gcf_ Ni4@DQD786686=<;8?
Bjjlir4 9<6gW
Dicf jiq_l
;,-
76B 8;6VBD[n >;
>B 8==VBD[n >;
<B 8;6VBD[n 76;
7;B 78;VBD
TV3; 786VBD
:2{+:2
7 Gilg B
7 Gilg D
7 Gilg B
7 Gilg D
4IMCL} 70 Bff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_4
80 Ohfs nsjc][f fi[^m [l_ fcmn_^ [\ip_4 Onb_l fi[^ mj_]c`c][ncihm
][h \_ [p[cf[\f_ ojih l_ko_mn4
90 Gil m_[f_^ nsj_2 nb_ p_hn3bif_ ]ip_l mbiof^ \_ _r]cm_^4
7B
7D
NO
ND
;B 8;6VBD
8==VBD58>VED
8;6VBD
7;B
76B
;B
7r76=OPS
I nsj_@7 r 76;OPS
/76B 8;6VBD R_mcmncp_ fi[^2
Riig n_gj42 9m ih 9m i``0
Z nsj_@; r 76:OPS
/NO@ ;B5ND@ ;B 8;6VBD2 R_mcmncp_ fi[^2
Riig n_gj42 ;m ih ;m i``0
7;
7748;
74;
7?4;
<8;r/7 76-0
4IMCL}
1M[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s
]icf ]iof^ _h^ol_ ch [ mbiln j_lci^ i` ncg_4
76B 8==VBD70
76B8>VED70
NO5ND@ ;B5;B 8==VBD [n >;
<B 8;6VBD[n 76;
76B 8;6VBD[n >;
NO@ 76B 8;6VBD[n >;
NO@ <B 8;6VBD[n 76;
NO5ND@ ;B5;B 8;6VBD [n >;
0.|.~
8:*3141~9:7- 01/0 65<-7 7-2~>
V 7;B mqcn]bcha ][j[\cfcns
V Gf[gg[\cfcns ]f[mm []]il^cha ni UL?:2 V36
V DTJ 8;6 [p[cf[\f_
V Pli^o]n ch []]il^[h]_ ni JFD<699;37 [p[cf[\f_
V 7 Gilg B [h^ 7 Gilg D]ih`caol[ncihm
V So\gchc[nol_2 mn[h^[l^ PDC f[sion
V UL chmof[ncih msmn_g@ Df[mm G
V Fhpclihg_hn[f `lc_h^fs jli^o]n /RiIS ]igjfc[hn0
V Oonfch_ Ecg_hmcihm@ /7?46 r 7;4; r 7;4;0 gg
766g g[r4/[n 7B <VED0
BaShO8
Dihn[]n g[n_lc[f
M[r4 mqcn]bcha pifn[a_
M[r4 mqcn]bcha ]oll_hn
M[r4 mqcn]bcha jiq_l
M_]b[hc][f _h^ol[h]_
+549~+9 ,~9~
Nigch[f
Vifn[a_
VED
Dicf
R_mcmn[h]_
M[r4
Vifn[a_
VED1
+512 ,~9~
;
<
?
78
7>
8:
:>
=6r/7 76-0
766r/7 76-0
88;r/7 76-0
:66r/7 76-0
?66r/7 76-0
7<66 r /7 76-0
<:66 r /7 76-0
Pc]e3oj
Vifn[a_
VED
g[r4
94=;
:4;6
<4=;
?466
794;
7>46
9<46
Elij3ion
Vifn[a_
VED
gch4
64;
64<
64?
748
74>
84:
:4>
<4;
=4>
774=
7;4<
894:
9748
;:4:
9
8;r/7 76-0
848;
649
94?
[n 89
+512
8~.-9> ~6675;~27~914/8
8==6VB 58>6W
Dihn[]n [ll[ha_g_hn
;
,-
Ec_f_]nlc]
mnl_hanb
Sbi]e l_mcmn[h]_
Pf[mnc] m_[f_^2
Gfor jlii`_^
Dihmnlo]ncih
Jhmof[ncih l_mcmn[h]_
C_nq__h ]icf . ]ihn[]nm
C_nq__h ij_h ]ihn[]nm
Oj_l[n_ ncg_ /[n higc4 pifn40
R_f_[m_ ncg_ /[n higc4 pifn40
Goh]ncih[f
E_mnlo]ncp_
Vc\l[ncih l_mcmn[h]_
Iogc^cns
Bg\c_hn n_gj_l[nol_
T_lgch[ncih
Uhcn q_cabn
766M /[n ;66VED0
8;66VBD7gch
=;6VBD7gch
76gm g[r4
;gm g[r4
?>g5m8
?>6g5m8
76It ni ;;It 74;gg EB
;- ni >;- RI
3:6 ni >;
PDC
Bjjlir4 =46a
+0~7~+9-71891+8
4IMCL} 70 Tb_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m4
4IMCL} 70 Bjjfc][\f_ qb_h NDcm hin _h_lact_^ qcnb fi[^4


Similar Part No. - HF3FA/003-ZSTF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3FA/003-ZSTF HONGFA-HF3FA/003-ZSTF Datasheet
63Kb / 3P
SUBMINIATURE HIGH POWER RELAY
More results

Similar Description - HF3FA/003-ZSTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF3FD ETC2-HF3FD Datasheet
68Kb / 2P
SUBMINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF3FF HONGFA-HF3FF Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF7FD HONGFA-HF7FD Datasheet
53Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF12FF HONGFA-HF12FF Datasheet
53Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
90Kb / 4P
SUBMINIATURE HIGH POWER RELAY
HF32F HONGFA-HF32F Datasheet
70Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FD HONGFA-HF3FD Datasheet
60Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
83Kb / 4P
SUBMINIATURE HIGH POWER RELAY
HF21FF HONGFA-HF21FF Datasheet
54Kb / 3P
SUBMINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com