Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC35005 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # KBPC35005
Description  High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

KBPC35005 Datasheet(HTML) 1 Page - Kingtronics International Company

  KBPC35005_15 Datasheet HTML 1Page - Kingtronics International Company KBPC35005_15 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 35 Amperes
◆Ideal for printed circuit board
◆Reliable low cost construction techniqueresults in inexpensive
product
◆High temperature soldering guaranteed:
260
/ 10 seconds / 0.375” ( 9.5mm )
℃
lead length at 5 lbs., ( 2.3 kg ) tension
◆UL Recognized File number: E347214
◆Case: Molded plastic
◆Lead: solder plated
◆Polarity: As marked
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
SYMBOLS
KBPC
35005
KBPC
3501
KBPC
3502
KBPC
3504
KBPC
3506
KBPC
3508
KBPC
3510
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum
Average
Forward
Rectified
Current
at TC=55℃
I(AV)
35
A
Peak Forward Surge Current,
8.3ms
Single
Half
Sine-wave
Superimposed
on
Rated Load (JEDEC method )
IFSM
400
A
Maximum Instantaneous Forward Voltage at 17.5A
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking voltage per Element
IR
10
μA
Typical Thermal Resistance (Note)
RθJC
2.0
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note: Thermal Resistance from Junction to Case.
KBPC35005
THRU KBPC3510
FEATURE
KBPC25
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099


Similar Part No. - KBPC35005_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
KBPC35005-3510 COMCHIP-KBPC35005-3510 Datasheet
59Kb / 3P
High Current Bridge Rectifier
KBPC35005-G COMCHIP-KBPC35005-G Datasheet
83Kb / 3P
Silicon Bridge Rectifiers
logo
Kingtronics Internation...
KBPC35005-KBPC3510 KINGTRONICS-KBPC35005-KBPC3510 Datasheet
424Kb / 2P
High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 35 Amperes
KBPC35005-KBPC3510 KINGTRONICS-KBPC35005-KBPC3510_16 Datasheet
371Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35.0 Ampere
logo
Chongqing Pingwei Enter...
KBPC35005-MB3505 CHONGQING-KBPC35005-MB3505 Datasheet
48Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC35005_15

ManufacturerPart #DatasheetDescription
logo
Surge Components
GBPC15 SURGE-GBPC15 Datasheet
130Kb / 2P
HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB1505G TSC-SB1505G Datasheet
70Kb / 2P
High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC1500G JGD-KBPC1500G Datasheet
157Kb / 2P
HIGH CURRENT 15,25,35 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MP1500G JGD-MP1500G Datasheet
160Kb / 2P
HIGH CURRENT 15 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBPC15 TSC-GBPC15 Datasheet
103Kb / 2P
High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC15 YANGJIE-GBPC15 Datasheet
294Kb / 2P
HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBPC15 TSC-GBPC15_11 Datasheet
188Kb / 3P
High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBPC25005-KBPC2510 KINGTRONICS-KBPC25005-KBPC2510 Datasheet
423Kb / 2P
High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC25005 KINGTRONICS-KBPC25005_15 Datasheet
412Kb / 2P
High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC35005W KINGTRONICS-KBPC35005W_15 Datasheet
391Kb / 2P
High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com