Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F84AT-20I/P Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F84AT-20I/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20I/P Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F84AT-20I/P Datasheet HTML 1Page - Microchip Technology PIC16F84AT-20I/P Datasheet HTML 2Page - Microchip Technology PIC16F84AT-20I/P Datasheet HTML 3Page - Microchip Technology PIC16F84AT-20I/P Datasheet HTML 4Page - Microchip Technology PIC16F84AT-20I/P Datasheet HTML 5Page - Microchip Technology PIC16F84AT-20I/P Datasheet HTML 6Page - Microchip Technology PIC16F84AT-20I/P Datasheet HTML 7Page - Microchip Technology PIC16F84AT-20I/P Datasheet HTML 8Page - Microchip Technology PIC16F84AT-20I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 124 page
background image
PIC16F8X
DS30430C-page 4
© 1998 Microchip Technology Inc.
TABLE 1-1
PIC16F8X FAMILY OF DEVICES
PIC16F83
PIC16CR83
PIC16F84
PIC16CR84
Clock
Maximum Frequency
of Operation (MHz)
10
10
10
10
Flash Program Memory
512
—
1K
—
Memory
EEPROM Program Memory
—
—
—
—
ROM Program Memory
—
512
—
1K
Data Memory (bytes)
36
36
68
68
Data EEPROM (bytes)
64
64
64
64
Peripherals Timer Module(s)
TMR0
TMR0
TMR0
TMR0
Features
Interrupt Sources
4
4
4
4
I/O Pins
13
13
13
13
Voltage Range (Volts)
2.0-6.0
2.0-6.0
2.0-6.0
2.0-6.0
Packages
18-pin DIP,
SOIC
18-pin DIP,
SOIC
18-pin DIP,
SOIC
18-pin DIP,
SOIC
All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current capa-
bility. All PIC16F8X Family devices use serial programming with clock pin RB6 and data pin RB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com