Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LVC-5000-B2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LVC-5000-B2
Description  Fanless In-Vehicle NVR with Intel 1047UE/ i7-3517UE Featuring Intel GbE x4 PoEs for IP Cameras with CAN Bus Support
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVC-5000-B2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LVC-5000-B2 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVC-5000-B2 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVC-5000-B2 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVC-5000-B2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
connect@lannerinc.com | www.lannerinc.com
Modularized and customizable
design
The LVC-5000-B Series design features
the Lanner Proprietary Internal Multi-
IO Interface, which carries signals for 2
USB ports, 4 x UART, 4 x Digital I/O, 2 x
PCIe, and 1 x SATA 2.0. This allows for
customized add-on modules for future
features expansion.
Settings and Installation via
the front panel
MCU setting and CF card and SIM card
installation is easy to access simply by
opening the front panel.
Digital I/O
The DIO design includes 12V Level GPIO,
audio, MCU TX/RX and also includes
2x DI (Digital Input from MCU) which
can connect sensors to detect the
environment. Once defined events occur,
the LVC-5000 series can be turned on
automatically.
CAN Bus Module
LVC-5000-B1/B2 is designed to act as
a bridge between Heavy Duty vehicle
protocol and UART interface:
•
J1939 and J1708 protocols
•
Configurable via AT command
•
ASCII and HEX CODE Format Output
Dimensions: 273.8 x 72 x 188 mm (10.78” x 2.84” x 7.4” )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com