Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3524DM/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3524DM/NOPB
Description  Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524DM/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3524DM/NOPB Datasheet HTML 5Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 6Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 7Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 8Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 9Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 10Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 11Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 12Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LM2524D, LM3524D
www.ti.com
SNVS766E – JUNE 2009 – REVISED MAY 2013
Functional Description
Internal Voltage Regulator
The LM3524D has an on-chip 5V, 50 mA, short circuit protected voltage regulator. This voltage regulator
provides a supply for all internal circuitry of the device and can be used as an external reference.
For input voltages of less than 8V the 5V output should be shorted to pin 15, VIN, which disables the 5V
regulator. With these pins shorted the input voltage must be limited to a maximum of 6V. If input voltages of
6V–8V are to be used, a pre-regulator, as shown in Figure 11, must be added.
*Minimum CO of 10 μF required for stability.
Figure 11.
Oscillator
The LM3524D provides a stable on-board oscillator. Its frequency is set by an external resistor, RT and capacitor,
CT. A graph of RT, CT vs oscillator frequency is shown is Figure 12. The oscillator's output provides the signals
for triggering an internal flip-flop, which directs the PWM information to the outputs, and a blanking pulse to turn
off both outputs during transitions to ensure that cross conduction does not occur. The width of the blanking
pulse, or dead time, is controlled by the value of CT, as shown in Figure 13. The recommended values of RT are
1.8 k
Ω to 100 kΩ, and for CT, 0.001 μF to 0.1 μF.
If two or more LM3524D's must be synchronized together, the easiest method is to interconnect all pin 3
terminals, tie all pin 7's (together) to a single CT, and leave all pin 6's open except one which is connected to a
single RT. This method works well unless the LM3524D's are more than 6″ apart.
A second synchronization method is appropriate for any circuit layout. One LM3524D, designated as master,
must have its RTCT set for the correct period. The other slave LM3524D(s) should each have an RTCT set for a
10% longer period. All pin 3's must then be interconnected to allow the master to properly reset the slave units.
The oscillator may be synchronized to an external clock source by setting the internal free-running oscillator
frequency 10% slower than the external clock and driving pin 3 with a pulse train (approx. 3V) from the clock.
Pulse width should be greater than 50 ns to insure full synchronization.
Figure 12.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2524D LM3524D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com