Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2830XMF/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
VOUT = IL RESR +
8 x FSW x COUT
1
IRMS_IN = IOUT x D(1 - D)
IRMS_IN D IOUT
2 (1-D) + 
i
2
3
x (VIN - VOUT)
L =
2iL
DTS
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
The LM2830 device operates at frequencies allowing the use of ceramic output capacitors without compromising
transient response. Ceramic capacitors allow higher inductor ripple without significantly increasing output ripple.
See the Output Capacitor for more details on calculating output voltage ripple. Now that the ripple current is
determined, the inductance is calculated by:
where
•
Ts = 1/fs
(7)
When selecting an inductor, make sure that it is capable of supporting the peak output current without saturating.
Inductor saturation will result in a sudden reduction in inductance and prevent the regulator from operating
correctly. Because of the speed of the internal current limit, it is necessary to specify the peak current of the
inductor only required maximum output current. For example, if the designed maximum output current is 1.0 A
and the peak current is 1.25 A, then the inductor should be specified with a saturation current limit of > 1.25 A.
There is no need to specify the saturation or peak current of the inductor at the 1.75-A typical switch current limit.
The difference in inductor size is a factor of 5. Because of the operating frequency of the LM2830 device, ferrite
based inductors are preferred to minimize core losses. This presents little restriction because the variety of
ferrite-based inductors is huge. Lastly, inductors with lower series resistance (RDCR) will provide better operating
efficiency.
8.2.1.2.2
Input Capacitor
An input capacitor is necessary to ensure that VIN does not drop excessively during switching transients. The
primary specifications of the input capacitor are capacitance, voltage, RMS current rating, and ESL (Equivalent
Series Inductance). The recommended input capacitance is 22 µF. The input voltage rating is specifically stated
by the capacitor manufacturer. Make sure to check any recommended deratings and also verify if there is any
significant change in capacitance at the operating input voltage and the operating temperature. The input
capacitor maximum RMS input current rating (IRMS-IN) must be greater than:
(8)
Neglecting inductor ripple simplifies the above equation to:
(9)
From Equation 9, it can be shown that maximum RMS capacitor current occurs when D = 0.5. Always calculate
the RMS at the point where the duty cycle D is closest to 0.5. The ESL of an input capacitor is usually
determined by the effective cross sectional area of the current path. A large leaded capacitor will have high ESL
and a 0805 ceramic chip capacitor will have very low ESL. At the operating frequencies of the LM2830 device,
leaded capacitors may have an ESL so large that the resulting impedance (2
πfL) will be higher than that required
to provide stable operation. As a result, surface-mount capacitors are strongly recommended.
Sanyo POSCAP, Tantalum or Niobium, Panasonic SP, and multilayer ceramic capacitors (MLCC) are all good
choices for both input and output capacitors and have very low ESL. For MLCCs it is recommended to use X7R
or X5R type capacitors due to their tolerance and temperature characteristics. Consult the capacitor
manufacturer data sheets to see how rated capacitance varies over operating conditions.
8.2.1.2.3
Output Capacitor
The output capacitor is selected based upon the desired output ripple and transient response. The initial current
of a load transient is provided mainly by the output capacitor. The output ripple of the converter is:
(10)
When using MLCCs, the ESR is typically so low that the capacitive ripple may dominate. When this occurs, the
output ripple will be approximately sinusoidal and 90° phase shifted from the switching action. Given the
availability and quality of MLCCs and the expected output voltage of designs using the LM2830 device, there is
really no need to review any other capacitor technologies. Another benefit of ceramic capacitors is their ability to
bypass high frequency noise. A certain amount of switching edge noise will couple through parasitic
14
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com