Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3280TL-275/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3280TL-275/NOPB
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280TL-275/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3280TL-275/NOPB Datasheet HTML 1Page - Texas Instruments LM3280TL-275/NOPB Datasheet HTML 2Page - Texas Instruments LM3280TL-275/NOPB Datasheet HTML 3Page - Texas Instruments LM3280TL-275/NOPB Datasheet HTML 4Page - Texas Instruments LM3280TL-275/NOPB Datasheet HTML 5Page - Texas Instruments LM3280TL-275/NOPB Datasheet HTML 6Page - Texas Instruments LM3280TL-275/NOPB Datasheet HTML 7Page - Texas Instruments LM3280TL-275/NOPB Datasheet HTML 8Page - Texas Instruments LM3280TL-275/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
4
3
2
1
A
B
C
D
ENBUCK
BYP
SW
PVIN
SVIN
VCON
ENLDO2
LDO2
LDO1
ENLDO1
LDO3
FB
BYPOUT
SGND
ENLDO3
PGND
Top View
LM3280
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
Connection Diagrams
Figure 2. 16–Bump DSBGA Package, Large Bump
See Package Number YZR0016QQA
Pin Descriptions
Pin #
Name
Description
A1
LDO1
LDO1 Output.
B1
LDO2
LDO2 Output.
C1
LDO3
LDO3 Output.
D1
ENLDO3
LDO3 Enable Input. Set this digital input high to turn on LDO3. (ENBUCK pin must be also set high.) For
turning LDO3 off, set low.
A2
SVIN
Analog, Signal, and LDO Supply Input.
B2
FB
Buck Converter Feedback Analog Input. Connect to the output at the output filter capacitor.
C2
ENLDO2
LDO2 Enable Input. Set this digital input high to turn on LDO2. (ENBUCK pin must be also set high.) For
turning LDO2 off, set low.
D2
VCON
Buck Converter Voltage Control Analog Input. This pin controls VOUT in PWM mode. Set: VOUT = 3 x VCON. Do
not leave floating.
A3
SGND
Analog, Signal, and LDO Ground.
B3
ENBUCK
Buck Converter Enable Input. Set this digital input high after Vin >2.7V for normal operation. For shutdown,
set low.
C3
ENLDO1
LDO1 Enable Input. Set this digital input high to turn on LDO1. (ENBUCK pin must be also set high.) For
turning LDO1 off, set low.
D3
BYP
Forced Bypass Input. Use this digital input to command operation in Bypass mode. Set BYP low (<0.4V) for
normal operation.
A4
BYPOUT
Bypass FET Drain. Connect to the output capacitor. Do not leave floating.
B4
PVIN
Buck Converter Power Supply Voltage Input to the internal PFET switch and Bypass FET.
C4
SW
Buck Converter Switch Node connection to the internal PFET switch and NFET synchronous rectifier.
Connect to an inductor with a saturation current rating that exceeds the maximum Switch Peak Current Limit
of the PWM Buck Converter.
D4
PGND
Buck Converter Power Ground.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com