Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5009AMM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5009AMM/NOPB
Description  100-V 150-mA Constant On-Time Buck Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5009AMM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5009AMM/NOPB Datasheet HTML 1Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 2Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 3Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 4Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 5Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 6Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 7Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 8Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM5009A
www.ti.com
SNVS608G – JUNE 2009 – REVISED FEBRUARY 2013
Absolute Maximum Ratings
(1)
VIN to GND
-0.3V to 100V
BST to GND
-0.3V to 114V
SW to GND (Steady State)
-1V
ESD Rating, Human Body Model(2)
2kV
BST to VCC
100V
BST to SW
14V
VCC to GND
14V
All Other Inputs to GND
-0.3 to 7V
Lead Temperature (Soldering 4 sec)(3)
260°C
Storage Temperature Range
-55°C to +150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The ESD rating for pin 2, pin 7, and pin
8 is 1 kV for HBM and 150V for MM.
(3)
For detailed information on soldering plastic VSSOP and WSON packages, refer to the Packaging Data Book.
Operating Ratings
(1)
VIN
6V to 95V
Operating Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, unless otherwise stated
(1).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC Supply
Vcc Reg
Vcc Regulator Output(2)
Vin = 48V
6.6
7
7.4
V
Vin – Vcc
6V < Vin < 8.5V
100
mV
Vcc Bypass Threshold
Vin Increasing
8.5
V
Vcc Bypass Hysteresis
300
mV
Vcc Output Impedance
Vin =6V
100
Ω
Vin = 10V
8.8
Ω
Vin = 48V
0.8
Ω
Vcc Current Limit
Vin = 48V
9.2
mA
Vcc UVLO
Vcc Increasing
5.3
V
Vcc UVLO hysteresis
190
mV
Vcc UVLO filter delay
3
µs
Iin Operating current
FB = 3V, Vin = 48V
550
750
µA
Iin Shutdown Current
RT/SD = 0V
110
176
µA
Switch Characteristics
Buck switch Rds(on)(3)
Itest = 200 mA
2.2
4.6
Ω
Gate Drive UVLO
Vbst – Vsw Rising
2.8
3.8
4.8
V
Gate Drive UVLO hysteresis
490
mV
Pre-charge switch voltage
At 1 mA
0.8
V
Pre-charge switch on-time
150
ns
(1)
All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
The VCC output is intended as a self bias for the internal gate drive power and control circuits. Device thermal limitations limit external
loading.
(3)
For devices procured in the WSON-8 package, the Rds(on) limits are specified by design characterization data only.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5009A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com