Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM20124 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM20124
Description  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20124 Datasheet(HTML) 3 Page - Texas Instruments

  LM20124 Datasheet HTML 1Page - Texas Instruments LM20124 Datasheet HTML 2Page - Texas Instruments LM20124 Datasheet HTML 3Page - Texas Instruments LM20124 Datasheet HTML 4Page - Texas Instruments LM20124 Datasheet HTML 5Page - Texas Instruments LM20124 Datasheet HTML 6Page - Texas Instruments LM20124 Datasheet HTML 7Page - Texas Instruments LM20124 Datasheet HTML 8Page - Texas Instruments LM20124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM20124, LM20124-Q1
www.ti.com
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
ABSOLUT MAXIMUM RATINGS
(1)
Voltages from the indicated pins to GND
AVIN, PVIN, EN, PGOOD, SS/TRK, COMP, FB
-0.3V to +6V
Storage Temperature
-65°C to 150°C
Junction Temperature
150°C
Power Dissipation (2)
2.6W
Lead Temperature (Soldering, 10 sec)
260°C
Minimum ESD Rating (3)
±2kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not specific performance limits. For specifications and test conditions, see the
Electrical Characteristics.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ_MAX, the junctions-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD_MAX = (TJ_MAX – TA)/θJA. The maximum power dissipations of 2.6W is determined using TA = 25°C, θJA = 38°C/W, and TJ_MAX
= 125°C.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor to each pin.
OPERATING RATINGS
PVIN, AVIN to GND
2.95V to 5.5V
Junction Temperature
−40°C to + 125°C
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM20124 LM20124-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com