Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM27341MY/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM27341MY/NOPB
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27341MY/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM27341MY/NOPB Datasheet HTML 9Page - Texas Instruments LM27341MY/NOPB Datasheet HTML 10Page - Texas Instruments LM27341MY/NOPB Datasheet HTML 11Page - Texas Instruments LM27341MY/NOPB Datasheet HTML 12Page - Texas Instruments LM27341MY/NOPB Datasheet HTML 13Page - Texas Instruments LM27341MY/NOPB Datasheet HTML 14Page - Texas Instruments LM27341MY/NOPB Datasheet HTML 15Page - Texas Instruments LM27341MY/NOPB Datasheet HTML 16Page - Texas Instruments LM27341MY/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
R3 =
VIN
- 1
1.8
x R4
LM27342
VIN
PVIN
EN
BOOST
SW
FB
GND/DAP
VOUT
C2
L1
C1
C3
R1
R2
D1
SYNC
AVIN
CLK
R4
R3
LM27341, LM27342, LM27341-Q1, LM27342-Q1
www.ti.com
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
Figure 35. Resistor Divider on EN
(6)
FREQUENCY SYNCHRONIZATION
The LM27341/LM27342 switching frequency can be synchronized to an external clock, between 1.00 and 2.35
MHz, applied at the SYNC pin. At the first rising edge applied to the SYNC pin, the internal oscillator is
overridden and subsequent positive edges will initiate switching cycles. If the external SYNC signal is lost during
operation, the LM27341/LM27342 will revert to its internal 2 MHz oscillator within 1.5 µs. To disable Frequency
Synchronization and utilize the internal 2 MHz oscillator, connect the SYNC pin to GND.
The SYNC pin gives the designer the flexibility to optimize their design. A lower switching frequency can be
chosen for higher efficiency. A higher switching frequency can be chosen to keep EMI out of sensitive ranges
such as the AM radio band. Synchronization can also be used to eliminate beat frequencies generated by the
interaction of multiple switching power converters. Synchronizing multiple switching power converters will result
in cleaner power rails.
The selected switching frequency (fSYNC) and the minimum on-time (tMIN) limit the minimum duty cycle (DMIN) of
the device.
DMIN= tMIN x fSYNC
(7)
Operation below DMIN is not reccomended. The LM27341/LM27342 will skip pulses to keep the output voltage in
regulation, and the current limit is not ensured. The switching is in phase but no longer at the same switching
frequency as the SYNC signal.
CURRENT LIMIT
The LM27341 and LM27342 use cycle-by-cycle current limiting to protect the output switch. During each
switching cycle, a current limit comparator detects if the output switch current exceeds 2.0A min (LM27341) or
2.5A min (LM27342) , and turns off the switch until the next switching cycle begins.
FREQUENCY FOLDBACK
The LM27341/LM27342 employs frequency foldback to protect the device from current run-away during output
short-circuit. Once the FB pin voltage falls below regulation, the switch frequency will smoothly reduce with the
falling FB voltage until the switch frequency reaches 220 kHz (typ). If the device is synchronized to an external
clock, synchronization is disabled until the FB pin voltage exceeds 0.53V
SOFT-START
The LM27341/LM27342 has a fixed internal soft-start of 1 ms (typ). During soft-start, the error amplifier’s
reference voltage ramps from 0.0 V to its nominal value of 1.0 V in approximately 1 ms. This forces the regulator
output to ramp in a controlled fashion, which helps reduce inrush current. Upon soft-start the part will initially be
in frequency foldback and the frequency will rise as FB rises. The regulator will gradually rise to 2 MHz. The
LM27341/LM27342 will allow synchronization to an external clock at FB > 0.53V.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com